Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2578AN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2578AN
Description  Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2578AN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2578AN Datasheet HTML 1Page - National Semiconductor (TI) LM2578AN Datasheet HTML 2Page - National Semiconductor (TI) LM2578AN Datasheet HTML 3Page - National Semiconductor (TI) LM2578AN Datasheet HTML 4Page - National Semiconductor (TI) LM2578AN Datasheet HTML 5Page - National Semiconductor (TI) LM2578AN Datasheet HTML 6Page - National Semiconductor (TI) LM2578AN Datasheet HTML 7Page - National Semiconductor (TI) LM2578AN Datasheet HTML 8Page - National Semiconductor (TI) LM2578AN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics (Continued)
These specifications apply for 2V
≤ V
IN
≤ 40V (2.2V ≤ V
IN
≤ 40V for T
J
≤ −25˚C), timing capacitor C
T = 3900 pF, and 25%
duty cycle
≤ 75%, unless otherwise specified. Values in standard typeface are for T
J = 25˚C; values in boldface type apply for
operation over the specified operating junction temperature range.
LM2578A/
Symbol
Parameter
Conditions
Typical
LM3578A
Units
(Note 5)
Limit (Note 6)
CURRENT LIMIT
∆V
CL/
∆T
Sense Voltage Temperature Drift
0.3
%/˚C
I
CL
Sense Bias Current
Referred to V
IN
4.0
µA
Referred to ground
0.4
µA
DEVICE POWER CONSUMPTION
I
S
Supply Current
Output OFF, V
E = 0V
2.0
mA
3.5/4.0
mA (max)
Output ON, I
C = 750 mA pulsed,
14
mA
V
E =0V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: For TJ ≥ 100˚C, the Emitter pin voltage should not be driven more than 0.6V below ground (see Application Information).
Note 3: At elevated temperatures, devices must be derated based on package thermal resistance. The device in the 8-pin DIP must be derated at 95˚C/W, junction
to ambient. The device in the surface-mount package must be derated at 150˚C/W, junction-to-ambient.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF.
Note 5: Typical values are for TJ = 25˚C and represent the most likely parametric norm.
Note 6: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). Room temperature limits are 100% production
tested. Limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
AOQL.
Note 7: Input terminals are protected from accidental shorts to ground but if external voltages higher than the reference voltage are applied, excessive current will
flow and should be limited to less than 5 mA.
Note 8: I1 and I2 are the external sink currents at the inputs (refer to Test Circuit).
Note 9: Connection of a 10 k
Ω resistor from pin 1 to pin 4 will drive the duty cycle to its maximum, typically 90%. Applying the minimum Current Limit Sense Voltage
to pin 7 will not reduce the duty cycle to less than 50%. Applying the maximum Current Limit Sense Voltage to pin 7 is certain to reduce the duty cycle below 50%.
Increasing this voltage by 15 mV may be required to reduce the duty cycle to 0%, when the Collector output swing is 40V or greater (see Ground-Referred Current
Limit Sense Voltage typical curve).
Typical Performance Characteristics
Oscillator Frequency Change
with Temperature
Oscillator Voltage Swing
00871132
00871133
www.national.com
4


Similar Part No. - LM2578AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2578AN NSC-LM2578AN Datasheet
1Mb / 18P
   Switching Regulator
logo
Texas Instruments
LM2578AN TI-LM2578AN Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AN/NOPB TI1-LM2578AN/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
More results

Similar Description - LM2578AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com