Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7394 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # L7394
Description  Miniature Quartz Halogen Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

L7394 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  L7394 Datasheet HTML 1Page - Gilway Technical Lamp L7394 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Quartz Halogen Lamps
ColorTemp.
Line
Part Reference
Degrees
Life
Burning
Filament
Filament
Dimensions
Base
No.
No.
No.
Volts Watts Lumens Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type
Drawing
13
L7417
—-
12.0
50
900
3,000
2,000
Any
C-Bar-6
4.2 x 2.5
11.0
44.0
30.0
GY6.35
B
14
L7389A
—-
12.0
50
900
3,000
2,000
Any
C-6
4.2 x 1.5
11.0
44.0
30.0±0.25
GY6.35
B
15
L7386A
—-
12.0
75
1,400
3,000
2,000
*
C-6
5.0 x 1.8
11.0
44.0
30.0±0.25
GY6.35
B
16
L7390A
—-
12.0 100
2,000
3,000
2,000
*
C-6
5.2 x 2.28
11.0
44.0
30.0±0.25
GY6.35
B
17
L7407
FCR
12.0 100
3,000
3,400
50
*
C-Bar 6
5.3 x 3.0
11.0
44.0
30.0±0.25
GY6.35
B
18
L6405
FCS
24.0 150
4,700
3,400
50
*
C-Bar 6
6.2 x 3.1
13.5
50.0
32.0±0.5
G6.35
B
Recommended Holders/Sockets Pages 32 & 33
17
Miniature Quartz Halogen Lamps
Color Temp.
Line
Part
Degrees
Life
Burning Filament
Filament
Dimensions
Base
No.
No.
Volts
Watts Lumens
Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type Drawing
1
L7387
6.0
10
180
3,150
100
Any
C-6
2.5
0.6
9.0
30.0
19.5±0.25
G-4
A
2
L6402
6.0
10
130
2,850
2,000
Any
C-6
3.0
0.7
9.0
30.0
19.5±0.25
G-4
A
3
L6414
6.0
10
150
2,950
1,000
Any
C-6
2.8
0.6
9.0
30.0
19.5±0.25
G-4
A
4
L7388
6.0
20
420
3,200
100
Any
C-6
2.1
1.0
9.0
30.0
19.5±0.25
G-4
A
5
L7394
6.0
20
350
3,000
2,000
Any
C-6
2.9
1.0
9.0
30.0
19.5±0.25
G-4
A
6
L6415
12.0
10
120
2,800
2,000
Any
C-6
3.4
0.7
9.0
30.0
19.5±0.25
G-4
A
7
L6416
12.0
15
210
2,900
1,000
Any
C-6
3.8
0.7
9.0
30.0
19.5±0.25
G-4
A
8
L6417
12.0
10
130
2,850
1,000
Any
C-6
4.25
0.35
9.0
30.0
18.75±0.25
G-4
A
9
L7401
12.0
20
420
3,150
250
Any
C-6
2.6
1.0
9.0
30.0
19.5±0.25
G-4
A
10
L7404
12.0
20
350
3,000
2,000
Any
C-6
3.3
0.9
9.0
30.0
19.5±0.25
G-4
A
11
L7404A
12.0
20
280
2,850
2,000
Any
C-6
4.0
0.7
9.0
30.0
19.5±0.25
G-4
A
12
L7414A
12.0
35
560
2,900
2,000
Any
C-6
4.8
1.1
9.0
30.0
19.5±0.25
G-4
A
Recommended Holders/Sockets Pages 28 & 29
A
B


Similar Part No. - L7394

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7394 GILWAY-L7394 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
More results

Similar Description - L7394

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
   Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
OSRAM GmbH
64193NBL-HCB60 OSRAM-64193NBL-HCB60 Datasheet
106Kb / 3P
   Halogen headlight lamps
logo
STATEK CORPORATION
CX103 STATEK-CX103 Datasheet
131Kb / 2P
   Miniature Quartz Crystal
logo
List of Unclassifed Man...
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
   Miniature Quartz Crystals
logo
Gilway Technical Lamp
L1041 GILWAY-L1041 Datasheet
79Kb / 1P
   Lens-End Halogen Lamps
155-1500 GILWAY-155-1500 Datasheet
72Kb / 1P
   L7511 12V/50W QUARTZ, HALOGEN LAMP
logo
STATEK CORPORATION
TS1 STATEK-TS1 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
   Dimmer IC for Halogen Lamps
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com