Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSA2690 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KSA2690
Description  Audio Frequency High Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KSA2690 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
1020304050607080
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
B=0mA
I
B
=1mA
I
B=2mA
I
B=3mA
I
B
=4mA
I
B=5mA
I
B
=6mA
I
B=7mA
I
B=8mA
I
B=9mA
I
B=10mA
Pulse Test
V
CE[V], COLLECTOR-EMITTER VOLTAGE
1E-3
0.01
0.1
1
10
1
10
100
1000
V
CE = 5V
Pulse Test
0.001
I
C[A], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
Pulse Test
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
1
10
100
1000
1
10
100
1000
f = 1MHz
I
E = 0
V
CB[V], COLLECTOR-BASE VOLTAGE
0.01
0.1
1
1
10
100
1000
V
CE = 5V
Pulse Test
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
KSC2690A
V
CEO MAX
KSC2690 V
CEO
MAX
Diss
ipat
ion
Lim
ited
I
C
(max) Pulse
I
C(max) DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn