Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30001 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE30001
Description  Infrared Emitting Diode Bi.Directional
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30001 Datasheet(HTML) 1 Page - NTE Electronics

  NTE30001 Datasheet HTML 1Page - NTE Electronics NTE30001 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE30001
Infrared Emitting Diode
Bi–Directional
Features:
D Bi–Directional Light Emission Type
D High Output: Fe = 1mW Typ at IF = 20mA
Applications:
D Light Source for Tape End Detector for VHS type VCR’s
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Dissipation, PD
75mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Current, IF
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (Note 1), IFM
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, VR
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Topr
–25
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, Note 2), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Pulse Width
≤ 100µs, Duty Ratio = 0.01
Note 2. For 3 seconds at a distance of 2.5mm from the bottom face of the resin package.
Electro–Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 20mA
1.2
1.4
V
Peak Forward Voltage
VFM
IFM = 500mA
3.0
4.0
V
Reverse Current
IR
VR = 3V
10
µA
Terminal Capacitance
Ct
V = 0, f = 1MHz
50
100
pF
Radiant Flux
Fe
IF = 20mA
0.7
1.0
2.0
mW
Peak Emission Wavelength
λp
IF = 5mA
950
nm
Half Intensity Wavelength
∆λ
IF = 5mA
45
nm


Similar Part No. - NTE30001

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3000 NTE-NTE3000 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30003 NTE-NTE30003 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30004 NTE-NTE30004 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
More results

Similar Description - NTE30001

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com