Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C3394 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C3394
Description  50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3394 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3394 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C3394
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3394-12 = 12 inches long cable
PE3C3394-100cm = 100 cm long cable
50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax PE3C3394
URL:
https://www.pasternack.com/bnc-male-smc-plug-rg179bu-cable-assembly-pe3c3394-p.aspx
PE3C3394 REV 1.0
RF Cable Assemblies Technical Data Sheet
50 Ohm BNC Male to 75 Ohm SMC Plug
Cable Using 75 Ohm RG179 Coax
PE3C3394


Similar Part No. - PE3C3394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3390 PASTERNACK-PE3C3390 Datasheet
358Kb / 4P
   SSMB Plug to BNC Male Cable Using RG174 Coax
PE3C3391 PASTERNACK-PE3C3391 Datasheet
365Kb / 4P
   BNC Male to BNC Male Right Angle Cable Using RG316 Coax
PE3C3391-12 PASTERNACK-PE3C3391-12 Datasheet
363Kb / 4P
   BNC Male to BNC Male Right Angle Cable 12 Inch Length Using RG316 Coax
PE3C3391-24 PASTERNACK-PE3C3391-24 Datasheet
364Kb / 4P
   BNC Male to BNC Male Right Angle Cable 24 Inch Length Using RG316 Coax
PE3C3391-36 PASTERNACK-PE3C3391-36 Datasheet
364Kb / 4P
   BNC Male to BNC Male Right Angle Cable 36 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE3C3349 PASTERNACK-PE3C3349 Datasheet
377Kb / 4P
   BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3321 PASTERNACK-PE3C3321 Datasheet
365Kb / 4P
   SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE36344 PASTERNACK-PE36344 Datasheet
357Kb / 3P
   75 Ohm F Male to 75 Ohm F Female Bulkhead Cable Using 75 Ohm RG179 Coax
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE33646 PASTERNACK-PE33646 Datasheet
111Kb / 1P
   CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE3376LF PASTERNACK-PE3376LF Datasheet
231Kb / 1P
   CABLE ASSEMBLY RG179/U 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PE33586LF PASTERNACK-PE33586LF Datasheet
283Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33646LF PASTERNACK-PE33646LF Datasheet
108Kb / 1P
   CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE36344-36 PASTERNACK-PE36344-36 Datasheet
358Kb / 3P
   75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 36 Inch Length Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com