Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU2705 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU2705
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU2705 Datasheet(HTML) 1 Page - International Rectifier

  IRLU2705 Datasheet HTML 1Page - International Rectifier IRLU2705 Datasheet HTML 2Page - International Rectifier IRLU2705 Datasheet HTML 3Page - International Rectifier IRLU2705 Datasheet HTML 4Page - International Rectifier IRLU2705 Datasheet HTML 5Page - International Rectifier IRLU2705 Datasheet HTML 6Page - International Rectifier IRLU2705 Datasheet HTML 7Page - International Rectifier IRLU2705 Datasheet HTML 8Page - International Rectifier IRLU2705 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLR/U2705
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.040Ω
ID = 28A
…
Description
4/1/03
www.irf.com
1
D-Pak
TO-252AA
I-Pak
TO-251AA
l Logic-Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR2705)
l Straight Lead (IRLU2705)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
28
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

110
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
110
mJ
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

6.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 91317C


Similar Part No. - IRLU2705

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLU2705 ISC-IRLU2705 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU2705PBF IRF-IRLU2705PBF Datasheet
257Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRLU2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com