Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39461-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39461-6
Description  SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39461-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39461-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39461-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39461-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39461-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant,
Features
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging
the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
SMA Male
Connector 2
N Female Bulkhead
Cable Type
PE-SR405FLJ
Electrical Specifications
Frequency Range
DC to 11 GHz
Impedance
50 Ohms
Velocity of Propagation
69.5 %
Group Delay
1.43 ns/ft [4.69 ns/m]
RF Shielding
100 dB
Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss
0.269 dB
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.298 dB
Frequency 3
Frequency
2.5 GHz
Insertion Loss
0.347 dB
Frequency 4
Frequency
5 GHz
Insertion Loss
0.43 dB
Frequency 5
Frequency
11 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-
SR405FLJ Coax, RoHS PE39461-6
PE39461-6 REV 1.1
PE39461-6
SMA Male to N Female Bulkhead Semi-Flexible Precision
Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS


Similar Part No. - PE39461-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39461-12 PASTERNACK-PE39461-12 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-18 PASTERNACK-PE39461-18 Datasheet
376Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-24 PASTERNACK-PE39461-24 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-9 PASTERNACK-PE39461-9 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
More results

Similar Description - PE39461-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39433-6 PASTERNACK-PE39433-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39432-6 PASTERNACK-PE39432-6 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-12 PASTERNACK-PE39461-12 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-24 PASTERNACK-PE39461-24 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-18 PASTERNACK-PE39461-18 Datasheet
376Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461-9 PASTERNACK-PE39461-9 Datasheet
375Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39433-12 PASTERNACK-PE39433-12 Datasheet
374Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39433-9 PASTERNACK-PE39433-9 Datasheet
374Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39433-18 PASTERNACK-PE39433-18 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39461 PASTERNACK-PE39461 Datasheet
339Kb / 3P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com