Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114YE Datasheet(PDF) 3 Page - Rohm

Part # DTA114YE
Description  PNP -100mA -50V Digital Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114YE Datasheet(HTML) 3 Page - Rohm

  DTA114YE Datasheet HTML 1Page - Rohm DTA114YE Datasheet HTML 2Page - Rohm DTA114YE Datasheet HTML 3Page - Rohm DTA114YE Datasheet HTML 4Page - Rohm DTA114YE Datasheet HTML 5Page - Rohm DTA114YE Datasheet HTML 6Page - Rohm DTA114YE Datasheet HTML 7Page - Rohm DTA114YE Datasheet HTML 8Page - Rohm DTA114YE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DTA114Y series
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Input voltage vs. output current (ON
characteristics)
Fig.2 Output current vs. input voltage (OFF
characteristics)
Fig.3 Output current vs. output voltage
Fig.4 DC current gain vs. output current
                                                                                           
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
3/10
20171215 - Rev.002


Similar Part No. - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA114YE MOTOROLA-DTA114YE Datasheet
139Kb / 6P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Taiwan Semiconductor Co...
DTA114YE TSC-DTA114YE Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA114YE ONSEMI-DTA114YE Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Jiangsu Changjiang Elec...
DTA114YE JIANGSU-DTA114YE Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com