Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4245FNI-483 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C4245FNI-483
Description  Programmable System-on-Chip (PSoC짰)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4245FNI-483 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C4245FNI-483 Datasheet HTML 6Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 7Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 8Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 9Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 10Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 11Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 12Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 13Page - Cypress Semiconductor CY8C4245FNI-483 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Document Number: 001-87197 Rev. *J
Page 10 of 45
PSoC® 4: PSoC 4200
Family Datasheet
Pinouts
The following is the pin-list for the PSoC 4200 (44-TQFP, 40-QFN, 28-SSOP, and 48-TQFP). Port 2 comprises of the high-speed Analog inputs for the SAR Mux. P1.7 is the
optional external input and bypass for the SAR reference. Ports 3 and 4 contain the Digital Communication channels. All pins support CSD CapSense and Analog Mux Bus
connections.
44-TQFP
40-QFN
28-SSOP
48-TQFP
Alternate Functions for Pins
Pin Description
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4
1VSS
Ground
2
P2.0
1
P2.0
2
P2.0
sarmux.0
Port 2 Pin 0: gpio, lcd, csd, sarmux
3
P2.1
2
P2.1
3
P2.1
sarmux.1
Port 2 Pin 1: gpio, lcd, csd, sarmux
4
P2.2
3
P2.2
5
P2.2
4
P2.2
sarmux.2
Port 2 Pin 2: gpio, lcd, csd, sarmux
5
P2.3
4
P2.3
6
P2.3
5
P2.3
sarmux.3
Port 2 Pin 3: gpio, lcd, csd, sarmux
6
P2.4
5
P2.4
7
P2.4
6
P2.4
sarmux.4
tcpwm0_p[1]
Port 2 Pin 4: gpio, lcd, csd, sarmux, pwm
7
P2.5
6
P2.5
8
P2.5
7
P2.5
sarmux.5
tcpwm0_n[1]
Port 2 Pin 5: gpio, lcd, csd, sarmux, pwm
8
P2.6
7
P2.6
9
P2.6
8
P2.6
sarmux.6
tcpwm1_p[1]
Port 2 Pin 6: gpio, lcd, csd, sarmux, pwm
9
P2.7
8
P2.7
10
P2.7
9
P2.7
sarmux.7
tcpwm1_n[1]
Port 2 Pin 7: gpio, lcd, csd, sarmux, pwm
10
VSS
9
VSS
Ground
––
10
NC
No Connect
––
11
NC
No Connect
11
P3.0
10
P3.0
11
P3.0
12
P3.0
tcpwm0_p[0]
scb1_uart_rx[0]
scb1_i2c_scl[0]
scb1_spi_mosi[0]
Port 3 Pin 0: gpio, lcd, csd, pwm, scb1
12
P3.1
11
P3.1
12
P3.1
13
P3.1
tcpwm0_n[0]
scb1_uart_tx[0]
scb1_i2c_sda[0]
scb1_spi_miso[0]
Port 3 Pin 1: gpio, lcd, csd, pwm, scb1
13
P3.2
12
P3.2
13
P3.2
14
P3.2
tcpwm1_p[0]
swd_io[0]
scb1_spi_clk[0]
Port 3 Pin 2: gpio, lcd, csd, pwm, scb1,
swd
15
VSSD
Ground
14
P3.3
13
P3.3
14
P3.3
16
P3.3
tcpwm1_n[0]
swd_clk[0]
scb1_spi_ssel_0[0] Port 3 Pin 3: gpio, lcd, csd, pwm, scb1,
swd
15
P3.4
14
P3.4
17
P3.4
tcpwm2_p[0]
scb1_spi_ssel_1
Port 3 Pin 4: gpio, lcd, csd, pwm, scb1
16
P3.5
15
P3.5
18
P3.5
tcpwm2_n[0]
scb1_spi_ssel_2
Port 3 Pin 5: gpio, lcd, csd, pwm, scb1
17
P3.6
16
P3.6
19
P3.6
tcpwm3_p[0]
scb1_spi_ssel_3
Port 3 Pin 6: gpio, lcd, csd, pwm, scb1
18
P3.7
17
P3.7
20
P3.7
tcpwm3_n[0]
Port 3 Pin 7: gpio, lcd, csd, pwm
19
VDDD
21
VDDD
Digital Supply, 1.8 - 5.5V
20
P4.0
18
P4.0
15
P4.0
22
P4.0
scb0_uart_rx
scb0_i2c_scl
scb0_spi_mosi
Port 4 Pin 0: gpio, lcd, csd, scb0
21
P4.1
19
P4.1
16
P4.1
23
P4.1
scb0_uart_tx
scb0_i2c_sda
scb0_spi_miso
Port 4 Pin 1: gpio, lcd, csd, scb0
22
P4.2
20
P4.2
17
P4.2
24
P4.2
csd_c_mod
scb0_spi_clk
Port 4 Pin 2: gpio, lcd, csd, scb0
23
P4.3
21
P4.3
18
P4.3
25
P4.3
csd_c_sh_tank
scb0_spi_ssel_0
Port 4 Pin 3: gpio, lcd, csd, scb0
––
26
NC
No Connect
––
27
NC
No Connect


Similar Part No. - CY8C4245FNI-483

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4245FNI-DS402 CYPRESS-CY8C4245FNI-DS402 Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C4245FNI-DS402 CYPRESS-CY8C4245FNI-DS402 Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4245FNI-483

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com