Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4245LQQ-483 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C4245LQQ-483
Description  Programmable System-on-Chip (PSoC짰)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4245LQQ-483 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C4245LQQ-483 Datasheet HTML 1Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 2Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 3Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 4Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 5Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 6Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 7Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 8Page - Cypress Semiconductor CY8C4245LQQ-483 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
PSoC® 4: PSoC 4200
Family Datasheet
Document Number: 001-87197 Rev. *J
Page 4 of 45
Figure 2. Block Diagram
The PSoC 4200 devices include extensive support for
programming, testing, debugging, and tracing both hardware
and firmware.
The ARM Serial_Wire Debug (SWD) interface supports all
programming and debug features of the device.
Complete debug-on-chip functionality enables full-device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator IDE provides fully integrated programming
and debug support for the PSoC 4200 devices. The SWD
interface is fully compatible with industry-standard third-party
tools. With the ability to disable debug features, with very robust
flash protection, and allowing customer-proprietary functionality
to be implemented in on-chip programmable blocks, the
PSoC 4200 family provides a level of security not possible with
multi-chip application solutions or with microcontrollers.
The debug circuits are enabled by default and can only be
disabled in firmware. If not enabled, the only way to re-enable
them is to erase the entire device, clear flash protection, and
reprogram the device with new firmware that enables debugging.
Additionally, all device interfaces can be permanently disabled
(device security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device or attempts to
defeat security by starting and interrupting flash programming
sequences. Because all programming, debug, and test inter-
faces are disabled when maximum device security is enabled,
PSoC 4200 with device security enabled may not be returned for
failure analysis. This is a trade-off the PSoC 4200 allows the
customer to make.
PSoC 4200
32-bit
AH B-Lite
CP U S ubs ys tem
SR AM
Up to 4 kB
SR AM C ontroller
ROM
4 kB
ROM C ontroller
FLASH
Up to 32 kB
R ead Accelerator
D eep Sleep
H ibernate
Active /Sleep
SWD
N VIC, IR QM X
Cortex
M0
48 MH z
FAST MU L
System Interconnect (Single Layer AH B )
IO S ubs y stem
36x GPIOs
Peripherals
System R eso urces
Pow er
Clock
WD T
ILO
Reset
Clock Control
D F T Logic
Test
IM O
DF T Analog
Sleep C ontrol
PWR SYS
REF
POR
LVD
N VLatches
BOD
WIC
Reset Control
XRES
Peripheral Interconnect (MMIO )
PC LK
Port Interfa ce & D igita l System Intercon nect(D SI)
Programmable
Digital
x4
UD B
...
UDB
Pow er Modes
CTBm
SM X
SAR AD C
(12-bit)
x1
Programmable
Analog
x1
2x OpAm p
High Spe ed I/O Matrix


Similar Part No. - CY8C4245LQQ-483

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4245LTI-M445 CYPRESS-CY8C4245LTI-M445 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Similar Description - CY8C4245LQQ-483

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com