Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4147AZI-S465 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C4147AZI-S465
Description  Programmable System-on-Chip (PSoC)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4147AZI-S465 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C4147AZI-S465 Datasheet HTML 2Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 3Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 4Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 5Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 6Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 7Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 8Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 9Page - Cypress Semiconductor CY8C4147AZI-S465 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 6 of 42
Functional Definition
CPU and Memory Subsystem
CPU
The Cortex-M0+ CPU in the PSoC 4100S Plus is part of the
32-bit MCU subsystem, which is optimized for low-power
operation with extensive clock gating. Most instructions are 16
bits in length and the CPU executes a subset of the Thumb-2
instruction set. It includes a nested vectored interrupt controller
(NVIC) block with eight interrupt inputs and also includes a
Wakeup Interrupt Controller (WIC). The WIC can wake the
processor from Deep Sleep mode, allowing power to be switched
off to the main processor when the chip is in Deep Sleep mode.
The CPU subsystem includes an 8-channel DMA engine and
also includes a debug interface, the serial wire debug (SWD)
interface, which is a two-wire form of JTAG. The debug configu-
ration used for PSoC 4100S Plus has four breakpoint (address)
comparators and two watchpoint (data) comparators.
Flash
The PSoC 4100S Plus device has a flash module with a flash
accelerator, tightly coupled to the CPU to improve average
access times from the flash block. The low-power flash block is
designed to deliver two wait-state (WS) access time at 48 MHz.
The flash accelerator delivers 85% of single-cycle SRAM access
performance on average.
SRAM
16 KB of SRAM are provided with zero wait-state access at
48 MHz.
SROM
An 8-KB supervisory ROM that contains boot and configuration
routines is provided.
System Resources
Power System
The power system is described in detail in the section Power. It
provides assurance that voltage levels are as required for each
respective mode and either delays mode entry (for example, on
power-on reset (POR)) until voltage levels are as required for
proper functionality, or generates resets (for example, on
brown-out detection). PSoC 4100S Plus operates with a single
external supply over the range of either 1.8 V ±5% (externally
regulated) or 1.8 to 5.5 V (internally regulated) and has three
different power modes, transitions between which are managed
by the power system. PSoC 4100S Plus provides Active, Sleep,
and Deep Sleep low-power modes.
All subsystems are operational in Active mode. The CPU
subsystem (CPU, flash, and SRAM) is clock-gated off in Sleep
mode, while all peripherals and interrupts are active with
instantaneous wake-up on a wake-up event. In Deep Sleep
mode, the high-speed clock and associated circuitry is switched
off; wake-up from this mode takes 35 µs. The opamps can
remain operational in Deep Sleep mode.
Clock System
The PSoC 4100S Plus clock system is responsible for providing
clocks to all subsystems that require clocks and for switching
between different clock sources without glitching. In addition, the
clock system ensures that there are no metastable conditions.
The clock system for the PSoC 4100S Plus consists of the IMO,
ILO, a 32-kHz Watch Crystal Oscillator (WCO), MHz ECO and
PLL, and provision for an external clock. The WCO block allows
locking the IMO to the 32-kHz oscillator.
Figure 3. PSoC 4100S Plus MCU Clocking Architecture
The HFCLK signal can be divided down as shown to generate
synchronous clocks for the Analog and Digital peripherals. There
are 18 clock dividers for the PSoC 4100S Plus (six with fractional
divide capability, twelve with integer divide only). The twelve
16-bit integer divide capability allows a lot of flexibility in
generating fine-grained frequency. In addition, there are five
16-bit fractional dividers and one 24-bit fractional divider.
IMO Clock Source
The IMO is the primary source of internal clocking in the
PSoC 4100S Plus. It is trimmed during testing to achieve the
specified accuracy.The IMO default frequency is 24 MHz and it
can be adjusted from 24 to 48 MHz in steps of 4 MHz. The IMO
tolerance with Cypress-provided calibration settings is ±2% over
the entire voltage and temperature range.
ILO Clock Source
The ILO is a very low power, nominally 40-kHz oscillator, which
is primarily used to generate clocks for the watchdog timer
(WDT) and peripheral operation in Deep Sleep mode. ILO-driven
counters can be calibrated to the IMO to improve accuracy.
Cypress provides a software component, which does the
calibration.
P e rip h e ra l
D ividers
A nalog
D ivider
clk_ sys
P re sca le r
clk_ h f
Pe riphera l C locks
S A R Clo ck
EC O
IM O
WC O
IL O
clk_e xt
clk_ lf
P LL
Divide By
2,4,8


Similar Part No. - CY8C4147AZI-S465

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY8C4146LQI-S433T INFINEON-CY8C4146LQI-S433T Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
More results

Similar Description - CY8C4147AZI-S465

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com