Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4245AZI-473 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C4245AZI-473
Description  Programmable System-on-Chip (PSoC짰)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4245AZI-473 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C4245AZI-473 Datasheet HTML 7Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 8Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 9Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 10Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 11Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 12Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 13Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 14Page - Cypress Semiconductor CY8C4245AZI-473 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Document Number: 001-87197 Rev. *J
Page 11 of 45
PSoC® 4: PSoC 4200
Family Datasheet
Notes:
1. tcpwm_p and tcpwm_n refer to tcpwm non-inverted and inverted outputs respectively.
2. P3.2 and P3.3 are SWD pins after boot (reset).
24
P0.0
22
P0.0
19
P0.0
28
P0.0
comp1_inp
scb0_spi_ssel_1
Port 0 Pin 0: gpio, lcd, csd, scb0, comp
25
P0.1
23
P0.1
20
P0.1
29
P0.1
comp1_inn
scb0_spi_ssel_2
Port 0 Pin 1: gpio, lcd, csd, scb0, comp
26
P0.2
24
P0.2
21
P0.2
30
P0.2
comp2_inp
scb0_spi_ssel_3
Port 0 Pin 2: gpio, lcd, csd, scb0, comp
27
P0.3
25
P0.3
22
P0.3
31
P0.3
comp2_inn
Port 0 Pin 3: gpio, lcd, csd, comp
28
P0.4
26
P0.4
32
P0.4
scb1_uart_rx[1]
scb1_i2c_scl[1]
scb1_spi_mosi[1]
Port 0 Pin 4: gpio, lcd, csd, scb1
29
P0.5
27
P0.5
33
P0.5
scb1_uart_tx[1]
scb1_i2c_sda[1]
scb1_spi_miso[1]
Port 0 Pin 5: gpio, lcd, csd, scb1
30
P0.6
28
P0.6
23
P0.6
34
P0.6
ext_clk
scb1_spi_clk[1]
Port 0 Pin 6: gpio, lcd, csd, scb1, ext_clk
31
P0.7
29
P0.7
24
P0.7
35
P0.7
wakeup
scb1_spi_ssel_0[1] Port 0 Pin 7: gpio, lcd, csd, scb1, wakeup
32
XRES
30
XRES
25
XRES
36
XRES
Chip reset, active low
33
VCCD
31
VCCD
26
VCCD
37
VCCD
Regulated supply, connect to 1µF cap or
1.8V
38
VSSD
Digital Ground
34
VDDD
32
VDDD
27
VDD
39
VDDD
Digital Supply, 1.8 - 5.5V
35
VDDA
33
VDDA
27
VDD
40
VDDA
Analog Supply, 1.8 - 5.5V, equal to VDDD
36
VSSA
34
VSSA
28
VSS
41
VSSA
Analog Ground
37
P1.0
35
P1.0
1
P1.0
42
P1.0
ctb.oa0.inp
tcpwm2_p[1]
Port 1 Pin 0: gpio, lcd, csd, ctb, pwm
38
P1.1
36
P1.1
2
P1.1
43
P1.1
ctb.oa0.inm
tcpwm2_n[1]
Port 1 Pin 1: gpio, lcd, csd, ctb, pwm
39
P1.2
37
P1.2
3
P1.2
44
P1.2
ctb.oa0.out
tcpwm3_p[1]
Port 1 Pin 2: gpio, lcd, csd, ctb, pwm
40
P1.3
38
P1.3
45
P1.3
ctb.oa1.out
tcpwm3_n[1]
Port 1 Pin 3: gpio, lcd, csd, ctb, pwm
41
P1.4
39
P1.4
46
P1.4
ctb.oa1.inm
Port 1 Pin 4: gpio, lcd, csd, ctb
42
P1.5
47
P1.5
ctb.oa1.inp
Port 1 Pin 5: gpio, lcd, csd, ctb
43
P1.6
48
P1.6
ctb.oa0.inp_alt
Port 1 Pin 6: gpio, lcd, csd
44
P1.7/VREF
40
P1.7/VREF
4
P1.7/VREF
1
P1.7/VREF ctb.oa1.inp_alt
ext_vref
––
Port 1 Pin 7: gpio, lcd, csd, ext_ref
44-TQFP
40-QFN
28-SSOP
48-TQFP
Alternate Functions for Pins
Pin Description
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4


Similar Part No. - CY8C4245AZI-473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4245AZI-M433 CYPRESS-CY8C4245AZI-M433 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4245AZI-M443 CYPRESS-CY8C4245AZI-M443 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4245AZI-M445 CYPRESS-CY8C4245AZI-M445 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Similar Description - CY8C4245AZI-473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com