Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4245PVI-DS402 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C4245PVI-DS402
Description  Programmable System-on-Chip (PSoC짰)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4245PVI-DS402 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C4245PVI-DS402 Datasheet HTML 5Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 6Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 7Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 8Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 9Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 10Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 11Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 12Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Document Number: 001-98044 Rev. *C
Page 9 of 28
PSoC® 4: PSoC 4200D Family
Datasheet
Descriptions of the power pin functions are as follows:
VDDD
: Power supply for the chip.
VSSD
: Ground pin.
VCCD
: Regulated digital supply (1.8 V ±5% if supplied externally).
11
P3.0
D5
P3.0
tcpwm.line[0]
scb[1].uart_rx scb[1].i2c_sc
l
scb[1].spi_mosi
P3.0, TCPWM0, SCB1
12
P3.1
C5
P3.1
tcpwm.line_compl[
0]
scb[1].uart_tx scb[1].i2c_sd
a
scb[1].spi_miso
P3.1, TCPWM0, SCB1
13
P3.2
E5
P3.2
tcpwm.line[1]
scb[1].uart_cts
swd_data
scb[1].spi_clk
P3.2, TCPWM1, SCB1,
SWD_IO
14
P3.3
B5
P3.3
tcpwm.line_compl[
1]
scb[1].uart_rts
swd_clk
scb[1].spi_select
0
P3.3, TCPWM1, SCB1,
SWD_CLK
15
P3.4
D4
P3.4
scb[1].spi_select
1
P3.4, SCB1
Table 1. PSoC 4200D Pin Description (continued)
28-Pin SSOP
25-Ball CSP
Alternate Functions for Pins
Pin Description
Pin
Name
Pin
Name
Analog
PRGIO
Alt 1
Alt 2
Alt 3
Alt 4


Similar Part No. - CY8C4245PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4245PVI-DS402 CYPRESS-CY8C4245PVI-DS402 Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4245PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com