Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4248LQI-BL583 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C4248LQI-BL583
Description  Programmable System-on-Chip (PSoC짰)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248LQI-BL583 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C4248LQI-BL583 Datasheet HTML 2Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 3Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 4Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 5Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 6Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 7Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 8Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 9Page - Cypress Semiconductor CY8C4248LQI-BL583 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8 BLE 4.2
Family Datasheet
Document Number: 002-09848 Rev. *B
Page 6 of 47
Figure 3. PSoC 4XX8 BLE 4.2 MCU Clocking Architecture
The HFCLK signal can be divided down (see Figure 3) to
generate synchronous clocks for the UDBs, and the analog and
digital peripherals. There are a total of 12 clock dividers for
PSoC 4XX8 BLE 4.2: ten with 16-bit divide capability and two
with 16.5-bit divide capability. This allows the generation of 16
divided clock signals, which can be used by peripheral blocks.
The analog clock leads the digital clocks to allow analog events
to occur before the digital clock-related noise is generated. The
16-bit and 16.5-bit dividers allow a lot of flexibility in generating
fine-grained frequency values and are fully supported in PSoC
Creator.
Reset
PSoC 4XX8 BLE 4.2 device can be reset from a variety of
sources including a software reset. Reset events are
asynchronous and guarantee reversion to a known state. The
reset cause is recorded in a register, which is sticky through
resets and allows the software to determine the cause of the
reset. An XRES pin is reserved for an external reset to avoid
complications with the configuration and multiple pin functions
during power-on or reconfiguration. The XRES pin has an
internal pull-up resistor that is always enabled.
Voltage Reference
The PSoC 4XX8 BLE 4.2 reference system generates all inter-
nally required references. A one-percent voltage reference spec
is provided for the 12-bit ADC. To allow better signal-to-noise
ratios (SNR) and better absolute accuracy, it is possible to
bypass the internal reference using a GPIO pin or use an
external reference for the SAR. Refer to Table 19, “SAR ADC AC
Specifications,” on page 26 for details.
BLE Radio and Subsystem
PSoC 4XX8 BLE 4.2 incorporates a Bluetooth Smart subsystem
that contains the Physical Layer (PHY) and Link Layer (LL)
engines with an embedded AES-128 security engine. The
physical layer consists of the digital PHY and the RF transceiver
that transmits and receives GFSK packets at 1 Mbps over a
2.4-GHz ISM band, which is compliant with Bluetooth Smart
Bluetooth Specification 4.2. The baseband controller is a
composite hardware and firmware implementation that supports
both master and slave modes. Key protocol elements, such as
HCI and link control, are implemented in firmware. Time-critical
functional blocks, such as encryption, CRC, data whitening, and
access code correlation, are implemented in hardware (in the LL
engine).
The RF transceiver contains an integrated balun, which provides
a single-ended RF port pin to drive a 50-Ω antenna via a
matching/filtering network. In the receive direction, this block
converts the RF signal from the antenna to a digital bit stream
after performing GFSK demodulation. In the transmit direction,
this block performs GFSK modulation and then converts a digital
baseband signal to a radio frequency before transmitting it to air
through the antenna.
The Bluetooth Smart Radio and Subsystem (BLESS) requires a
1.9-V minimum supply (the range varies from 1.9 V to 5.5 V).
Key features of BLESS are as follows:
Master and slave single-mode protocol stack with logical link
control and adaptation protocol (L2CAP), attribute (ATT), and
security manager (SM) protocols
API access to generic attribute profile (GATT), generic access
profile (GAP), and L2CAP
L2CAP connection-oriented channel
GAP features
Broadcaster, Observer, Peripheral, and Central roles
Security mode 1: Level 1, 2, 3, and 4
Security mode 2: Level 1 and 2
User-defined advertising data
Multiple bond support
GATT features
GATT client and server
Supports GATT sub-procedures
32-bit universally unique identifier (UUID)
Security Manager (SM)
Pairing methods: Just works, Passkey Entry, Out of Band and
Numeric Comparison
Authenticated man-in-the-middle (MITM) protection and data
signing
LE Secure Connections (Bluetooth 4.2 feature)
Link Layer (LL)
Master and Slave roles
128-bit AES engine
Encryption
Low-duty cycle advertising
LE Ping
LE Data Packet Length Extension (Bluetooth 4.2 feature)
Link Layer Privacy (with extended scanning filter policy, Blue-
tooth 4.2 feature)
Supports all SIG-adopted BLE profiles
 
IMO
ILO
EXTCLK
LFCLK
Prescaler
SYSCLK
Divider 0
(/16)
PER 0_CLK
Divider 9
(/16)
Fractional
Divider 0
(/16.5)
Fractional
Divider 1
(/16.5)
ECO
WCO
HFCLK
PER15_CLK
Divider
/2n (n=0..3)


Similar Part No. - CY8C4248LQI-BL583

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4248LQI-BL583

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com