Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4146AXI-S443 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C4146AXI-S443
Description  Programmable System-on-Chip (PSoC)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4146AXI-S443 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C4146AXI-S443 Datasheet HTML 3Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 4Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 5Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 6Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 7Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 8Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 9Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 10Page - Cypress Semiconductor CY8C4146AXI-S443 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 7 of 42
Watch Crystal Oscillator (WCO)
The PSoC 4100S Plus clock subsystem also implements a
low-frequency (32-kHz watch crystal) oscillator that can be used
for precision timing applications.
External Crystal Oscillators (ECO)
The PSoC 4100S Plus also implements a 4 to 33 MHz crystal
oscillator.
Watchdog Timer
A watchdog timer is implemented in the clock block running from
the ILO; this allows watchdog operation during Deep Sleep and
generates a watchdog reset if not serviced before the set timeout
occurs. The watchdog reset is recorded in a Reset Cause
register, which is firmware readable.
Reset
PSoC 4100S Plus can be reset from a variety of sources
including a software reset. Reset events are asynchronous and
guarantee reversion to a known state. The reset cause is
recorded in a register, which is sticky through reset and allows
software to determine the cause of the reset. An XRES pin is
reserved for external reset by asserting it active low. The XRES
pin has an internal pull-up resistor that is always enabled.
Analog Blocks
12-bit SAR ADC
The 12-bit, 1-Msps SAR ADC can operate at a maximum clock
rate of 18 MHz and requires a minimum of 18 clocks at that
frequency to do a 12-bit conversion.
The Sample-and-Hold (S/H) aperture is programmable allowing
the gain bandwidth requirements of the amplifier driving the SAR
inputs, which determine its settling time, to be relaxed if required.
It is possible to provide an external bypass (through a fixed pin
location) for the internal reference amplifier.
The SAR is connected to a fixed set of pins through an 8-input
sequencer. The sequencer cycles through selected channels
autonomously (sequencer scan) with zero switching overhead
(that is, aggregate sampling bandwidth is equal to 1 Msps
whether it is for a single channel or distributed over several
channels). The sequencer switching is effected through a state
machine or through firmware driven switching. A feature
provided by the sequencer is buffering of each channel to reduce
CPU interrupt service requirements. To accommodate signals
with varying source impedance and frequency, it is possible to
have different sample times programmable for each channel.
Also, signal range specification through a pair of range registers
(low and high range values) is implemented with a corresponding
out-of-range interrupt if the digitized value exceeds the
programmed range; this allows fast detection of out-of-range
values without the necessity of having to wait for a sequencer
scan to be completed and the CPU to read the values and check
for out-of-range values in software.
The SAR is not available in Deep Sleep mode as it requires a
high-speed clock (up to 18 MHz). The SAR operating range is
1.71 V to 5.5 V.
Figure 4. SAR ADC
Two Opamps (Continuous-Time Block; CTB)
PSoC 4100S Plus has two opamps with Comparator modes
which allow most common analog functions to be performed
on-chip eliminating external components; PGAs, Voltage
Buffers, Filters, Trans-Impedance Amplifiers, and other functions
can be realized, in some cases with external passives. saving
power, cost, and space. The on-chip opamps are designed with
enough bandwidth to drive the Sample-and-Hold circuit of the
ADC without requiring external buffering.
Low-power Comparators (LPC)
PSoC 4100S Plus has a pair of low-power comparators, which
can also operate in Deep Sleep modes. This allows the analog
system blocks to be disabled while retaining the ability to monitor
external voltage levels during low-power modes. The
comparator outputs are normally synchronized to avoid
metastability unless operating in an asynchronous power mode
where the system wake-up circuit is activated by a comparator
switch event. The LPC outputs can be routed to pins.
Current DACs
PSoC 4100S Plus has two IDACs, which can drive any of the
pins on the chip. These IDACs have programmable current
ranges.
Analog Multiplexed Buses
PSoC 4100S Plus has two concentric independent buses that go
around the periphery of the chip. These buses (called amux
buses) are connected to firmware-programmable analog
switches that allow the chip's internal resources (IDACs,
comparator) to connect to any pin on the I/O Ports.
Data and
Status Flags
Reference
Selection
External
Reference and
Bypass
(optional)
POS
NEG
SAR Sequencer
SARADC
Inputs from other Ports
VDDA /2
VDDA
VREF
AHB System Bus and Programmable Logic
Interconnect
Sequencing
and Control


Similar Part No. - CY8C4146AXI-S443

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY8C4146LQI-S433T INFINEON-CY8C4146LQI-S433T Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
More results

Similar Description - CY8C4146AXI-S443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com