Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4248LQI-BL543 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C4248LQI-BL543
Description  Programmable System-on-Chip (PSoC짰)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248LQI-BL543 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C4248LQI-BL543 Datasheet HTML 7Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 8Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 9Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 10Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 11Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 12Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 13Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 14Page - Cypress Semiconductor CY8C4248LQI-BL543 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8 BLE 4.2
Family Datasheet
Document Number: 002-09848 Rev. *B
Page 11 of 47
Pinouts
Table 1 shows the pin list for the PSoC 4XX8 BLE 4.2 device. Port 3 consists of the high-speed analog inputs for the SAR mux. All
pins support CSD CapSense and analog mux bus connections.
Table 1. PSoC 4XX8 BLE 4.2 Pin List (QFN Package)
Pin
Name
Type
Description
1
VDDD
POWER
1.71-V to 5.5-V digital supply
2
XTAL32O/P6.0
CLOCK
32.768-kHz crystal
3
XTAL32I/P6.1
CLOCK
32.768-kHz crystal or external clock input
4
XRES
RESET
Reset, active LOW
5
P4.0
GPIO
Port 4 Pin 0, lcd, csd
6
P4.1
GPIO
Port 4 Pin 1, lcd, csd
7
P5.0
GPIO
Port 5 Pin 0, lcd, csd
8
P5.1
GPIO
Port 5 Pin 1, lcd, csd
9
VSSD
GROUND
Digital ground
10
VDDR
POWER
1.9-V to 5.5-V radio supply
11
GANT1
GROUND
Antenna shielding ground
12
ANT
ANTENNA
Antenna pin
13
GANT2
GROUND
Antenna shielding ground
14
VDDR
POWER
1.9-V to 5.5-V radio supply
15
VDDR
POWER
1.9-V to 5.5-V radio supply
16
XTAL24I
CLOCK
24-MHz crystal or external clock input
17
XTAL24O
CLOCK
24-MHz crystal
18
VDDR
POWER
1.9-V to 5.5-V radio supply
19
P0.0
GPIO
Port 0 Pin 0, lcd, csd
20
P0.1
GPIO
Port 0 Pin 1, lcd, csd
21
P0.2
GPIO
Port 0 Pin 2, lcd, csd
22
P0.3
GPIO
Port 0 Pin 3, lcd, csd
23
VDDD
POWER
1.71-V to 5.5-V digital supply
24
P0.4
GPIO
Port 0 Pin 4, lcd, csd
25
P0.5
GPIO
Port 0 Pin 5, lcd, csd
26
P0.6
GPIO
Port 0 Pin 6, lcd, csd
27
P0.7
GPIO
Port 0 Pin 7, lcd, csd
28
P1.0
GPIO
Port 1 Pin 0, lcd, csd
29
P1.1
GPIO
Port 1 Pin 1, lcd, csd
30
P1.2
GPIO
Port 1 Pin 2, lcd, csd
31
P1.3
GPIO
Port 1 Pin 3, lcd, csd
32
P1.4
GPIO
Port 1 Pin 4, lcd, csd
33
P1.5
GPIO
Port 1 Pin 5, lcd, csd
34
P1.6
GPIO
Port 1 Pin 6, lcd, csd
35
P1.7
GPIO
Port 1 Pin 7, lcd, csd
36
VDDA
POWER
1.71-V to 5.5-V analog supply
37
P2.0
GPIO
Port 2 Pin 0, lcd, csd
38
P2.1
GPIO
Port 2 Pin 1, lcd, csd
39
P2.2
GPIO
Port 2 Pin 2, lcd, csd


Similar Part No. - CY8C4248LQI-BL543

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4248LQI-BL543

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com