Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4128LQI-BL493 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C4128LQI-BL493
Description  Programmable System-on-Chip (PSoC짰)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128LQI-BL493 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C4128LQI-BL493 Datasheet HTML 1Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 2Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 3Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 4Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 5Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 6Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 7Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 8Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *L
Page 4 of 48
Figure 2. Block Diagram
The PSoC 4XX8_BLE devices include extensive support for
programming, testing, debugging, and tracing both hardware
and firmware.
The ARM SWD interface supports all programming and debug
features of the device.
Complete debug-on-chip functionality enables full-device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debugging.
The PSoC Creator IDE provides fully integrated programming
and debugging support for the PSoC 4XX8_BLE devices. The
SWD interface is fully compatible with industry-standard
third-party tools. With the ability to disable debug features, very
robust flash protection, and allowing customer-proprietary
functionality to be implemented in on-chip programmable blocks,
the PSoC 4XX8_BLE family provides a level of security not
possible with multi-chip application solutions or with microcon-
trollers.
Debug circuits are enabled by default and can only be disabled
in firmware. If not enabled, the only way to re-enable them is to
erase the entire device, clear flash protection, and reprogram the
device with the new firmware that enables debugging.
Additionally, all device interfaces can be permanently disabled
(device security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device or attempts to
defeat security by starting and interrupting flash programming
sequences. Because all programming, debug, and test inter-
faces are disabled when maximum device security is enabled,
PSoC 4XX8_BLE with device security enabled may not be
returned for failure analysis. This is a trade-off the
PSoC 4XX8_BLE allows the customer to make.
Peripherals
CPU Subsystem
System Interconnect (Multi Layer AHB)
PSoC 4A-BLE
DeepSleep
Hibernate
Active/Sleep
Power Modes
Digital DFT
Test
Analog DFT
System Resources
Power
Clock
Reset
Clock Control
IMO
Sleep Control
REF
POR
Reset Control
WIC
XRES
WDT
ILO
I/O Subsystem
Peripheral Interconnect (MMIO)
PCLK
SWD/TC
NVIC, IRQMUX
Cortex
M0
48 MHz
FAST MUL
FLASH
256/128 KB
Read Accelerator
SRAM
32/16 KB
SRAM Controller
ROM
8 KB
ROM Controller
NVLatches
PWRSYS
BOD
32-bit
AHB-Lite
LVD
x4
UDB
...
Programmable
Digital
UDB
Port Interface & Digital System Interconnect (DSI)
36x GPIOs, 2x GPIO_OVT
SAR ADC
(12-bit)
x1
CTBm
x2
2x OpAmp
Programmable
Analog
SARMUX
High Speed I/O Matrix
Bluetooth Low
Energy Subsystem
BLE Baseband
Peripheral
GFSK Modem
2.4 GHz
GFSK
Radio
I/O: Antenna/Power/Crystal
1KB SRAM


Similar Part No. - CY8C4128LQI-BL493

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4128LQI-BL493

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com