Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4128LQI-BL443 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C4128LQI-BL443
Description  Programmable System-on-Chip (PSoC짰)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128LQI-BL443 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C4128LQI-BL443 Datasheet HTML 4Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 5Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 6Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 7Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 8Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 9Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 10Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 11Page - Cypress Semiconductor CY8C4128LQI-BL443 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *L
Page 8 of 48
Programmable Digital
Universal Digital Blocks (UDBs) and Port Interfaces
The PSoC 4XX8_BLE has four UDBs; the UDB array also
provides a switched Digital System Interconnect (DSI) fabric that
allows signals from peripherals and ports to be routed to and
through the UDBs for communication and control.
Figure 5. UDB Array
UDBs can be clocked from a clock-divider block, from a port
interface (required for peripherals such as SPI), and from the DSI
network directly or after synchronization.
A port interface is defined, which acts as a register that can be
clocked with the same source as the PLDs inside the UDB array.
This allows a faster operation because the inputs and outputs
can be registered at the port interface close to the I/O pins and
at the edge of the array. The port interface registers can be
clocked by one of the I/Os from the same port. This allows
interfaces such as SPI to operate at higher clock speeds by
eliminating the delay for the port input to be routed over DSI and
used to register other inputs (see Figure 6).
Figure 6. Port Interface
UDBs can generate interrupts (one UDB at a time) to the interrupt controller. UDBs retain the ability to connect to any pin on the chip
through the DSI.
P rogram m a ble D ig ital S u bsyste m
UDB IF
UD B
UD B
UD B
UD B
DS I
DS I
DS I
DS I
BU S IF
CLK IF
Port IF
P ort IF
Port IF
CP U
S ub -sys tem
Sy stem
Interconne ct
C lo cks
4 to 8
8 to 32
R o uting
C hannels
IR Q IF
Clock Selector
Block from
UDB
9
Digital
GlobalClocks
3 DSI Signals ,
1 I/O Signal
4
Reset Selector
Block from
UDB
2
2
Input Registers
Output Registers
To DSI
8
From DSI
8
8
8
Enables
8
From DSI
4
4
7
6
. . .
0
7
6
. . .
0
3
2
1
0
High Speed I/O Matrix
To Clock
Tree
[0]
[0]
[1]
[1]
[1]
[1]


Similar Part No. - CY8C4128LQI-BL443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4128LQI-BL443 CYPRESS-CY8C4128LQI-BL443 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4128LQI-BL443 CYPRESS-CY8C4128LQI-BL443 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4128LQI-BL443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com