Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4127LQI-BL473 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C4127LQI-BL473
Description  Programmable System-on-Chip (PSoC짰)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4127LQI-BL473 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C4127LQI-BL473 Datasheet HTML 1Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 2Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 3Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 4Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 5Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 6Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 7Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 8Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
PSoC® 4: PSoC 4XX7_BLE
Family Datasheet
Document Number: 001-90479 Rev. *N
Page 5 of 47
Functional Definition
CPU and Memory Subsystem
CPU
The Cortex-M0 CPU in the PSoC 4XX7_BLE is part of the 32-bit
MCU subsystem, which is optimized for low-power operation
with extensive clock gating. It mostly uses 16-bit instructions and
executes a subset of the Thumb-2 instruction set. This enables
fully compatible binary upward migration of the code to
higher-performance processors such as Cortex-M3 and M4. The
Cypress implementation includes a hardware multiplier that
provides a 32-bit result in one cycle. It includes a nested vectored
interrupt controller (NVIC) block with 32 interrupt inputs and a
wakeup interrupt controller (WIC). The WIC can wake the
processor up from the Deep-Sleep mode, allowing power to the
main processor to be switched off
when the chip is in the
Deep-Sleep
mode.
The
Cortex-M0
CPU
provides
a
nonmaskable interrupt (NMI) input, which is made available to
the user when it is not in use for system functions requested by
the user.
The CPU also includes an SWD interface, which is a 2-wire form
of JTAG; the debug configuration used for PSoC 4XX7_BLE has
four break-point (address) comparators and two watchpoint
(data) comparators.
Flash
The PSoC 4XX7_BLE device has a 128-KB flash module with a
flash accelerator, tightly coupled to the CPU to improve average
access times from the flash block. The flash block is designed to
deliver 1 wait-state (WS) access time at 48 MHz and with 0 WS
access time at 24 MHz. The flash accelerator delivers 85% of
single-cycle SRAM access performance on average. Part of the
flash module can be used to emulate EEPROM operation if
required.
During flash erase and programming operations (the maximum
erase and program time is 20 ms per row), the Internal Main
Oscillator (IMO) will be set to 48 MHz for the duration of the
operation. This also applies to the emulated EEPROM. System
design must take this into account because peripherals
operating from different IMO frequencies will be affected. If it is
critical that peripherals continue to operate with no change
during flash programming, always set the IMO to 48 MHz and
derive peripheral clocks by dividing down from this frequency
SRAM
SRAM memory is retained during Hibernate.
SROM
The 8-KB supervisory ROM contains a library of executable
functions for flash programming. These functions are accessed
through supervisory calls (SVC) and enable in-system
programming of the flash memory.
System Resources
Power System
The power system is described in detail in the “Power” section
on page 16. It provides an assurance that the voltage levels are
as required for the respective modes, and can either delay the
mode entry (on power-on reset (POR), for example) until voltage
levels are as required or generate resets (brownout detect
(BOD)) or interrupts when the power supply reaches a particular
programmable level between 1.8 V and 4.5 V (low-voltage
detect (LVD)). PSoC 4XX7_BLE operates with a single external
supply (1.71 V to 5.5 V without radio and 1.9 V to 5.5 V with
radio). The device has five different power modes; transitions
between these modes are managed by the power system.
PSoC 4XX7_BLE provides Sleep, Deep-Sleep, Hibernate, and
Stop low-power modes. Refer to the Technical Reference
Manual
for more details.
Clock System
The PSoC 4XX7_BLE clock system is responsible for providing
clocks to all subsystems that require clocks and for switching
between different clock sources without glitching. In addition, the
clock system ensures that no metastable conditions occur.
The clock system for PSoC 4XX7_BLE consists of the internal
main oscillator (IMO), the internal low-speed oscillator (ILO), the
24-MHz external crystal oscillator (ECO) and the 32-kHz watch
crystal oscillator (WCO). In addition, an external clock may be
supplied from a pin.
IMO Clock Source
The IMO is the primary source of internal clocking in
PSoC 4XX7_BLE. It is trimmed during testing to achieve the
specified accuracy. Trim values are stored in nonvolatile latches
(NVL). Additional trim settings from flash can be used to
compensate for changes. The IMO default frequency is 24 MHz
and it can be adjusted between 3 MHz to 48 MHz in steps of
1 MHz. The IMO tolerance with Cypress-provided calibration
settings is ±2%.
ILO Clock Source
The ILO is a very-low-power oscillator, which is primarily used to
generate clocks for the peripheral operation in the Deep-Sleep
mode. ILO-driven counters can be calibrated to the IMO to
improve accuracy. Cypress provides a software component
which does the calibration.
External Crystal Oscillator (ECO)
The ECO is used as the active clock for the BLESS to meet the
±50-ppm clock accuracy of the Bluetooth 4.1 Specification.
PSoC 4XX7_BLE includes a tunable load capacitor to tune the
crystal-clock frequency by measuring the actual clock frequency.
The high-accuracy ECO clock can also be used as a system
clock.
Watch Crystal Oscillator (WCO)
The WCO is used as the sleep clock for the BLESS to meet the
±500-ppm clock accuracy of the Bluetooth 4.1 Specification. The
sleep clock provides an accurate sleep timing and enables
wakeup at the specified advertisement and connection intervals.
The WCO output can be used to realize the real-time clock (RTC)
function in firmware.
Watchdog Timer
A watchdog timer is implemented in the clock block running from
the ILO or from the WCO; this allows the watchdog operation
during Deep-Sleep and generates a watchdog reset if not
serviced before the timeout occurs. The watchdog reset is
recorded in the Reset Cause register. With the WCO and
firmware, an accurate real-time clock (within the bounds of the
32-kHz crystal accuracy) can be realized.


Similar Part No. - CY8C4127LQI-BL473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4127LQI-BL473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com