Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62147CV25LL-55BVI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62147CV25LL-55BVI
Description  256K x 16 Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147CV25LL-55BVI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62147CV25LL-55BVI Datasheet HTML 1Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62147CV25LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY62147CV25/30/33
MoBL™
Document #: 38-05202 Rev. *A
Page 2 of 14
Pin Configuration[1, 2]
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ...–0.5V to Vccmax + 0.5V
DC Voltage Applied to Outputs
in High Z State[3] ....................................–0.5V to VCC + 0.3V
DC Input Voltage[3] .................................-0.5V to VCC + 0.3V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Notes:
1.
NC pins are not connected to the die.
2.
E3 (DNU) can be left as NC or VSS to ensure proper application.
3.
VIL(min.) = –2.0V for pulse durations less than 20 ns.
4.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
FBGA (Top View)
A16
DNU
Vcc
Operating Range
Device
Range
Ambient
Temperature
VCC
CY62147CV25
Industrial
–40°C to +85°C
2.2V to 2.7V
CY62147CV30
2.7V to 3.3V
CY62147CV33
3.0V to 3.6V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating, ICC
Standby (ISB2)
f = 1 MHz
f = fmax
VCC(min.) VCC(typ.)
[4]
VCC(max.)
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62147CV25
2.2V
2.5V
2.7V
55 ns
1.5 mA
3 mA
7 mA
15 mA
5
µA
15
µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA
CY62147CV30
2.7V
3.0V
3.3V
55 ns
1.5 mA
3 mA
7 mA
15 mA
7
µA
15
µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA
CY62147CV33
3.0V
3.3V
3.6V
55 ns
1.5 mA
3 mA
7 mA
15 mA
8
µA
20
µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA


Similar Part No. - CY62147CV25LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY62147CV18LL-55BAI CYPRESS-CY62147CV18LL-55BAI Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY62147CV18LL-55BVI CYPRESS-CY62147CV18LL-55BVI Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY62147CV18LL-70BAI CYPRESS-CY62147CV18LL-70BAI Datasheet
272Kb / 12P
   256K x 16 Static RAM
More results

Similar Description - CY62147CV25LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com