Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE299 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE299
Description  Silicon NPN Transistor RF Power Amp, Driver
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE299 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE299
Silicon NPN Transistor
RF Power Amp, Driver
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
75V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +25°C), PC
4W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperatur Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
25
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
75
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 10mA, RBE = ∞
35
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 1mA, IC = 0
4
V
Collector Cutoff Current
ICBO
VCB = 30V, IE = 0
10
µA
DC Current Gain
hFE
VCE = 10V, IC = 0.1A
10
70
300
Power Output
PO
VCC = 12V, f = 27MHz, PIN = 75mW,
IC < 166mA
1.2
1.4
W
C
.380 (9.56)
.180 (4.57)
.100 (2.54)
.100 (2.54)
.050 (1.27)
.070 (1.78) x 45
°
Chamf
.325
(9.52)
.132 (3.35) Dia
.500
(12.7)
.300
(7.62)
.400
(10.16)
Min
1.200
(30.48)
Ref
CB
E


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn