Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3352F21010 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part No. 3352F21010
Description  Waterproof RJ45 Coupler (2nd ed.) IP68
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

3352F21010 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  3352F21010 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Waterproof RJ45 Coupler
(2nd ed.) IP68
3352F21010
Ordering Information
Materials
˙Plastic Housing : Engineering Thermoplastic
Flammability Rating UL 94V-0.
˙Contacts
: Phosphor Bronze.
˙Plating
: Gold Plating Over Nickel In Contact.
˙Nut
: Engineering Thermoplastic Flammability Rating UL 94V-0
˙Gasket
: Silicon
˙Panel Thick
: 1.5~4.5mm


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn