Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3352E02010 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part No. 3352E02010
Description  Waterproof RJ45 Jack With Cable and Wafer (IP68)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERDYNAMICS [PowerDynamics, Inc]
Homepage  http://www.powerdynamics.com/
Logo 

3352E02010 Datasheet(HTML) 1 Page - PowerDynamics, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Waterproof RJ45 Jack With
3352E02010
Ordering Information
Cable and Wafer (IP68)
RJ45 Jack
Wire Color
Wafer
1
Brown
1
2
Brown / White
2
3
Red
3
4
Red / White
4
5
Orange
5
6
Orange / White
6
7
Green
7
8
Green/ White
8
Grounding
Blue
9
Blue /White
10
Twist
Twist
Twist
Materials
˙Plastic Housing : Engineering Thermoplastic.
Flammability Rating UL 94V-0.
˙Contacts
: Phosphor Bronze.
˙Plating
: Gold Plating Over Nickel In Contact.
˙Nut
: Engineering Thermoplastic Flammbility Rating UL 94V-0
˙Gasket
: Silicone
˙Panel Thick
: 1.5~2.5mm
˙Wafer
: NY66


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn