Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2302A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SI2302A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2302A Datasheet(HTML) 1 Page - Micro Commercial Components

  SI2302A Datasheet HTML 1Page - Micro Commercial Components SI2302A Datasheet HTML 2Page - Micro Commercial Components SI2302A Datasheet HTML 3Page - Micro Commercial Components SI2302A Datasheet HTML 4Page - Micro Commercial Components SI2302A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SI2302
A
N-Channel
Enhancement Mode
Field Effect Transistor
Features
20V,3.0A,
RDS(ON)=55m
¡@VGS=4.5V
RDS(ON)=82m
¡@VGS=2.5V
High dense cell design for extremely low RDS(ON)
Rugged and reliable
Lead free product is acquired
SOT-23 Package
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Parameter
Rating
Unit
VDS
Drain-source Voltage
20
V
ID
Drain Current-Continuous
3
A
IDM
Drain Current-Pulsed
a
10
A
VGS
Gate-source Voltage
V
PD
Total Power Dissipation
1.25
W
R©JA
Thermal Resistance Junction to Ambientb
100
/W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Internal Block Diagram
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: A
2017/04/29
www.mccsemi.com
1 of 5
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
S
G
D
S
G
D
S
G
D
S
G
D
2
3
1
1.GATE
2. SOURCE
3. DRAIN
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
±
8


Similar Part No. - SI2302A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SI2302A UMW-SI2302A Datasheet
1Mb / 5P
   N-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
SI2302ADS VISHAY-SI2302ADS Datasheet
205Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. J, 10-Oct-11
SI2302ADS-T1 VISHAY-SI2302ADS-T1 Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
SI2302ADS-T1-E3 VISHAY-SI2302ADS-T1-E3 Datasheet
205Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. J, 10-Oct-11
More results

Similar Description - SI2302A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com