Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0855135111 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0855135111
Description  Modular Jack, Vertical, Top Entry, Surface Mount, 6/4, Low Profile, Pick-and-Place Top Entry, Surface Mount, 6/4, Low Profile, Pick-and-Place
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0855135111 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/08/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0855135111
Status:
Active
Overview:
Magnetic and Modular Jacks and Plugs
Description:
Modular Jack, Vertical, Top Entry, Surface Mount, 6/4, Low Profile, Pick-and-Place
Polyimide Tape, 22" Reel
Documents:
3D Model
Test Summary STR-1425-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-85513-002-001 (PDF)
Product Literature (PDF)
Application Specification AS-85513-001-001 (PDF)
General
Product Family
Modular Jacks/Plugs
Series
85513
Comments
Reflow Capable, Small Panel Cutout
Component Type
PCB Jack
Magnetic
No
Overview
Magnetic and Modular Jacks and Plugs
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Literature Order No
987650-8441
Product Name
Modular Jack 6/4
UPC
887191677620
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
2500
Inverted / Top Latch
No
Jack Height
12.70mm
Lightpipes/LEDs
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Palladium Nickel
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.370/g
Orientation
Vertical (Top Entry)
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.02mm
Pitch - Termination Interface
1.27mm
Plating min - Mating
0.051µm, 1.016µm
Plating min - Termination
1.905µm
Ports
1
Positions / Loaded Contacts
6/4
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
85513 Series
Mates With
90075 Modular Plug
Use With
90075 Modular Plugs


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn