Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT76C504A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT76C504A
Description  802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C504A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT76C504A Datasheet HTML 1Page - ATMEL Corporation AT76C504A Datasheet HTML 2Page - ATMEL Corporation AT76C504A Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Note: This is summary datasheet. A complete document is available under
NDA. For more information please contact your local Atmel sales office.
Features
Integrates the IEEE 802.11b Physical Layer (Baseband) and the Media Access
Controller (MAC) for Supporting Standard Rates up to 11 Mbps
Supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain
Control, Transmit Filter for Japanese Regulatory and Differential or Single-ended I- and
Q-Baseband Signals
Integrates 160 KBytes of SRAM which Are Organized in Five Banks of 32 KBytes Each,
Offering the Flexibility for individually Configuring Each of them as Program or Data
Memory
Zero Wait States for Program Execution
Fast Data Transfers through DMA Channels
Low Power ARM7TDMI® RISC Processor
The Bootstrap Code Supports External SPI EEPROM for the Custom Configuration
Parameters Used during the Device Enumeration Phase as Well as Default Parameters
for First Time EEPROM Programming
Glueless Parallel Flash Memory Interface, Supporting up to 128 KBytes of Nonvolatile
Memory
Glueless External SRAM Interface for all MAC Operations, Supporting up to
128 KBytes of External Memory
Wired Equivalency Privacy (WEP) in Hardware Supporting 64-bit and 128-bit Keys
Hardware Implementation of TKIP
Hardware Implementation of AES Encryption Supporting Various Modes
(CCM/CTR/CBC)
The WLAN Functions Can Be Easily Changed or Updated to New Requirements Since
They are Implemented in Microcode
Supports 11 Mbps Rates with Automatic Fallback to 5.5, 2 and 1 Mbps
SPI Interface and 13 GPIO Pins
176-ball LFBGA Package
Low-voltage 1.8V Core Operation
Block Diagram
Timers
External
Memory
Boot ROM
Interface
Internal
Memory
(SRAM)
ARM7TDMI
Decoder/
Arbiter/
Bridge
Interrupt
Controller
SPI Interface
802.11b
Baseband
MAC Support
Unit (MSU)
PCMCIA
Interface
Encryption/
Decryption
Block
802.11b
Baseband and
Media Access
Controller
(MAC) for
PCMCIA Bus
AT76C504A
Summary
Rev. 2388CS–WLAN–07/03


Similar Part No. - AT76C504A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
   11-megabit WLAN Media Access Controller MAC
AT76C503A ATMEL-AT76C503A Datasheet
44Kb / 3P
   Universal Serial Bus 11-megabit WLAN Media Access Controller
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C505A ATMEL-AT76C505A Datasheet
42Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C506A ATMEL-AT76C506A Datasheet
363Kb / 3P
   802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
More results

Similar Description - AT76C504A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C506A ATMEL-AT76C506A Datasheet
363Kb / 3P
   802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
AT76C505A ATMEL-AT76C505A Datasheet
42Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C507 ATMEL-AT76C507 Datasheet
53Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Master Capabilities
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
   11-megabit WLAN Media Access Controller MAC
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
   Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com