Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN7805NSP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN7805NSP
Description  3-pin positive output voltage regulator (1 A type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7805NSP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7805NSP Datasheet HTML 1Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 2Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 3Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 4Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 5Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 6Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 7Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 8Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Voltage Regulators
1
Publication date: November 2001
SFF00011BEB
AN78xxNSP Series
3-pin positive output voltage regulator (1 A type)
I Overview
The AN78xxNSP series is a 3-pin fixed positive output
type monolithic voltage regulator housed in surface mount-
ing package. Stabilized fixed output voltage is obtained
from unstable DC input voltage with using minimum ex-
ternal components. 9 types of fixed output voltage are avail-
able; 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V and 18 V. They
can be used widely in power circuits with current capacity
up to 1 A.
I Features
• Output voltage: 5V,6V,7V,8V,9V,10V,12V,15V,18V
• Built-in overcurrent limit circuit
• Built-in thermal overload protection circuit
• Built-in ASO (area of safe operation) protection circuit
I Block Diagram
SP-3SU
Unit: mm
2.30
(3.00)
(4.35)
5.30±0.10
6.50±0.20
4.60±0.10
0.75±0.10
0.10±0.10
1
2
3
1.00±0.20
0.55
+0.10
–0.05
Error amp.
Current
source
Voltage
reference
Starter
Pass Tr
Current
limitter
Thermal
protection
R2
RSC
R1
1
Input
FIN
Output
CO
CI
CI ≥ 0.33 µF, CO ≥ 0.1 µF
23
I Pin Descriptions
Pin No.
Description
1
Input
Input voltage pin
2
GND
Ground pin (FIN)
3
Output
Output voltage pin
Note) The package of this product will be changed
to lead-free type (SP-3SUA). See the new pack-
age dimensions section later of this datasheet.


Similar Part No. - AN7805NSP

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805 PANASONIC-AN7805 Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
List of Unclassifed Manufacturers
List of Unclassifed Man...
AN7805 ETC2-AN7805 Datasheet
2Mb / 31P
   SEMICONDUCTORS
Panasonic Semiconductor
Panasonic Semiconductor
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805F PANASONIC-AN7805F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7805NSP

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
Panasonic Battery Group
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
Panasonic Semiconductor
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
SEMTECH ELECTRONICS LTD.
SEMTECH ELECTRONICS LTD...
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz