Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7805NSP Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN7805NSP
Description  3-pin positive output voltage regulator (1 A type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7805NSP Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN7805NSP Datasheet HTML 3Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 4Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 5Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 6Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 7Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 8Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 9Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 10Page - Panasonic Semiconductor AN7805NSP Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN78xxNSP Series
7
SFF00011BEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN7810NSP (10 V type)
The specified condition Tj = 25°C means that the test should be carried out within so short a test time (within 10 ms)
that the characteristic value drift due to the chip junction temperature rise can be ignored.
Unless otherwise specified, VI = 16 V, IO = 500 mA, CI = 0.33 µF and CO = 0.1 µF
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output noise voltage
VNO
f
= 10 Hz to 100 kHz
56
µV
Minimum input/output voltage VDIF(min) IO = 1 A, Tj = 25°C
2
V
difference
Output short-circuit current
IO(Short)
VI = 35 V, Tj = 25°C
700
mA
Peak output current
IO(Peak)
Tj = 25°C
2.0
A
Output voltage temperature
∆V
O / Ta
IO = 5 mA, Tj = 0°C to 125°C
− 0.6
mV/
°C
coefficient
Thermal protection operating
Tj(TH)
IO = 5 mA
150
°C
temperature
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VO1
Tj = 25°C
9.6
10
10.4
V
Output voltage tolerance
VO2
VI = 13 V to 25 V, IO = 5 mA to 1 A
9.5
10.5
V
Tj = 25°C, PD < 5 W
Line regulation 1
REGIN1 VI = 12.5 V to 27 V, Tj = 25°C
8
200
mV
Line regulation 2
REGIN2 VI = 13 V to 19 V, Tj = 25°C
2.5
100
mV
Load regulation 1
REGL1
IO = 5 mA to 1.5 A, Tj = 25°C
12
200
mV
Load regulation 2
REGL2
IO = 250 mA to 750 mA, Tj = 25°C
4.0
100
mV
Bias current
IBias
Tj = 25°C
3.9
8
mA
Bias current fluctuation to input
∆I
Bias(IN)
VI = 12.5 V to 27 V, Tj = 25°C

1.0
mA
Bias current fluctuation to load
∆I
Bias(L)
IO = 5 mA to 1 A, Tj = 25°C

0.5
mA
Ripple rejection ratio
RR
VI = 13 V to 23 V, IO = 100 mA, f = 120 Hz
56

dB
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.


Similar Part No. - AN7805NSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805 PANASONIC-AN7805 Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
List of Unclassifed Man...
AN7805 ETC2-AN7805 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805F PANASONIC-AN7805F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7805NSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com