Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH4005SK3Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH4005SK3Q
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4005SK3Q Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH4005SK3Q_16 Datasheet HTML 1Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 2Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 3Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 4Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 5Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 6Page - Diodes Incorporated DMTH4005SK3Q_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH4005SK3Q
Document number: DS38661 Rev. 2 - 2
2 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMTH4005SK3Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7)
TC = +25°C
(Note 10)
TC = +100°C
ID
95
A
73
Maximum Body Diode Forward Current (Note 7)
TC = +25C
IS
83
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
150
A
Avalanche Current, L=0.1mH
IAS
32.5
A
Avalanche Energy, L=0.1mH
EAS
52.8
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
38
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
100
W
Thermal Resistance, Junction to Case (Note 7)
RθJC
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
2
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
3.6
4.5
m
VGS = 10V, ID = 50A
Diode Forward Voltage
VSD
0.9

V
VGS = 0V, IS = 50A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
3,062
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
902.2
Reverse Transfer Capacitance
Crss
179.2
Gate Resistance
RG

0.67

VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
49.1
nC
VDD = 20V, ID = 50A,
Gate-Source Charge
Qgs
10.3
Gate-Drain Charge
Qgd
13
Turn-On Delay Time
tD(ON)
8.7
ns
VDD = 20V, VGS = 10V,
ID = 50A, RG = 3Ω
Turn-On Rise Time
tR
6.8
Turn-Off Delay Time
tD(OFF)
18.6
Turn-Off Fall Time
tF

7.3

Body Diode Reverse Recovery Time
tRR
31.8
ns
IF = 50A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

26.5

nC
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.
10. Package limited.


Similar Part No. - DMTH4005SK3Q_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4005SK3Q-13 DIODES-DMTH4005SK3Q-13 Datasheet
611Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4005SK3Q_16

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com