Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A278308 Datasheet(PDF) 14 Page - AMIC Technology

Part # A278308
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A278308 Datasheet(HTML) 14 Page - AMIC Technology

Back Button A278308 Datasheet HTML 6Page - AMIC Technology A278308 Datasheet HTML 7Page - AMIC Technology A278308 Datasheet HTML 8Page - AMIC Technology A278308 Datasheet HTML 9Page - AMIC Technology A278308 Datasheet HTML 10Page - AMIC Technology A278308 Datasheet HTML 11Page - AMIC Technology A278308 Datasheet HTML 12Page - AMIC Technology A278308 Datasheet HTML 13Page - AMIC Technology A278308 Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
A278308
PRELIMINARY
(December, 1998, Version 2.0)
13
AMIC Technology, Inc.
Package Information
PLCC 32L Outline Dimension
unit: inches/mm
e
y
HD
D
13
GD
b1
b
GE
5
14
20
21
29
30
32
1
4
θ
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.134
-
-
3.40
A1
0.0185
-
-
0.47
-
-
A2
0.105
0.110
0.115
2.67
2.80
2.93
b1
0.026
0.028
0.032
0.66
0.71
0.81
b
0.016
0.018
0.021
0.41
0.46
0.54
C
0.008
0.010
0.014
0.20
0.254
0.35
D
0.547
0.550
0.553
13.89
13.97
14.05
E
0.447
0.450
0.453
11.35
11.43
11.51
e
0.044
0.050
0.056
1.12
1.27
1.42
GD
0.490
0.510
0.530
12.45
12.95
13.46
GE
0.390
0.410
0.430
9.91
10.41
10.92
HD
0.585
0.590
0.595
14.86
14.99
15.11
HE
0.485
0.490
0.495
12.32
12.45
12.57
L
0.075
0.090
0.095
1.91
2.29
2.41
y
-
-
0.003
-
-
0.075
θ
0
°
-
10
°
0
°
-
10
°
Notes:
1. Dimensions D and E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.


Similar Part No. - A278308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A-55 AMICC-A278308A-55 Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A-70 AMICC-A278308A-70 Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308AL AMICC-A278308AL Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308AL-55 AMICC-A278308AL-55 Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A278308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com