Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2987 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2987
Description  Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2987 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2987 Datasheet HTML 1Page - NTE Electronics NTE2987 Datasheet HTML 2Page - NTE Electronics NTE2987 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF
Drain–Source Breakdown Voltage
BVDSS
VGS = 0v, ID = 250µA
100
V
Drain–to–Source Leakage Current
IDSS
VDS = 100V, VGS = 0
1
µA
VDS = 80V, VGS = 0V, , TC = +150°C
10
µA
Gate–Source Leakage Forward
IGSS
VGS = 15V
100
nA
Gate–Source Leakage Reverse
IGSS
VGS = –15V
–100
nA
ON (Note 5)
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1.0
1.6
2.5
V
Static Drain–Source ON Resistance
RDS(on)
VGS = 5V, ID = 10A
0.09
0.12
On–State Drain Current
ID(on)
VDS > ID(on) x RDS(on)max, VGS = 10V
20
A
Dynamic
Forward Transconductance
gfs
VDS > ID(on) x RDS(on)max, ID = 10A,
Note 5
10
16
mhos
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
1200
1500
pF
Output Capacitance
Coss
250
350
pF
Reverse Transfer Capacitance
Crss
60
90
pF
Switching
Total Gate Charge
Qg
VGS = 5V, ID = 20A, VDD = 80V
22
30
nC
Gate–Source Charge
Qgs
6
nC
Gate–Drain (“Miller”) Charge
Qgd
12
nC
Turn–On Delay Time
td(on)
VDD = 30V, ID = 10A, RG = 50Ω,
50
70
ns
Rise Time
tr
VGS = 5V
140
200
ns
Turn–Off Delay Time
td(off)
VDD = 80V, ID = 20A, RG = 50Ω,
80
110
ns
Fall Time
tf
VGS = 5V
80
110
ns
Source–Drain Diode Ratings and Characteristics
Continuous Source Current
IS
(Body Diode)
20
A
Pulse Source Current
ISM
(Body Diode) Note 1
80
A
Diode Forward Voltage
VSD
ISD = 20A, VGS = 0V, Note 5
1.5
V
Reverse Recovery Time
trr
TJ = +150°C, VDD = 50V, ISD = 20A,
µ
130
ns
Reverse Recovery Charge
Qrr
di/dt = 100A/
µs
0.4
µC
Reverse Recovery Current
IRRM
6
A
Note 1. Pulse width limited by safe operating area.
Note 5. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 1.5%.


Similar Part No. - NTE2987

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE298 NTE-NTE298 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
NTE2980 NTE-NTE2980 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2981 NTE-NTE2981 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2984 NTE-NTE2984 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2985 NTE-NTE2985 Datasheet
27Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2987

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2980 NTE-NTE2980 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2981 NTE-NTE2981 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2986 NTE-NTE2986 Datasheet
27Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2984 NTE-NTE2984 Datasheet
24Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2985 NTE-NTE2985 Datasheet
27Kb / 3P
   Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
logo
Cystech Electonics Corp...
MTN7478Q8 CYSTEKEC-MTN7478Q8 Datasheet
392Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MS17N03Q8 BWTECH-MS17N03Q8 Datasheet
352Kb / 4P
   N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com