Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5,08RFL Datasheet(PDF) 1 Page - Lumberg

Part # 5,08RFL
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

5,08RFL Datasheet(HTML) 1 Page - Lumberg

  5,08RFL Datasheet HTML 1Page - Lumberg 5,08RFL Datasheet HTML 2Page - Lumberg 5,08RFL Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
51 SP 3
01/2018
1
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Keying insert for socket boards 2,5..., 2,54..., 3,96..., 5,08,
insertable instead of a contact spring
State: Phasing out
of 3


Similar Part No. - 5,08RFL

ManufacturerPart #DatasheetDescription
logo
Lumberg
5,08RFL LUMBERG-5,08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RFL03 LUMBERG-5,08RFL03 Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RFL04 LUMBERG-5,08RFL04 Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RFL05 LUMBERG-5,08RFL05 Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RFL06 LUMBERG-5,08RFL06 Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 5,08RFL

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com