Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRS-50-42-83AT Datasheet(PDF) 2 Page - Littelfuse

Part # DRS-50-42-83AT
Description  50.8mm High Power Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DRS-50-42-83AT Datasheet(HTML) 2 Page - Littelfuse

  DRS-50-42-83AT Datasheet HTML 1Page - Littelfuse DRS-50-42-83AT Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 07/17/17
Specifications are subject to change without notice.
Drop-Out vs. Pull-In Chart
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging Code
Taping Width
Bulk
Bulk
1000
N/A
N/A
Product Characteristics
Operating Characteristics
Operate Time 1
4.5ms - max.
Release Time 1
2.5ms - max.
Shock 2
11ms 1∕2 sine wave
100G - max.
Vibration 2
50-2000 Hertz
30G - max.
Resonant Frequency
Hz - typ.
850Hz - typ.
Part Numbering System
Notes:
1. Operate (including bounce)/Release Time - per EIA/NARM RS-421-A,diode suppressed coil (Coil IV).
2. Shock and Vibration - per EIA/NARM RS-421-A and MIL-STD-202.
3. Pull-In Range - Contact Littelfuse for narrower AT ranges available.
4. Rating Sensitivity - The value at which contact ratings and operating characteristics are determined. Derating may be required below this value.
5. Custom modifications of forming and/or cutting of reed switches are available. Please contact Littelfuse.
Axial Lead Reed Switches
High Power > DRS-50
DRS-50 50.8mm High Power Reed Switch
DRS-50-42-83
Series
AT Range
42-48 AT
42-53 AT
42-83 AT
47-53 AT
47-58 AT
47-68 AT
57-63 AT
57-68 AT
62-68 AT
62-78 AT
67-73 AT
67-83 AT
77-83 AT
62-73 AT
Example:
42-83 AT product is
DRS-50-42-83
Note: Chart represents the range of Drop-Out, min to max for a given Pull-In value.
Note: These AT values are the before-modification values of the bare reed switch.
Magnetic Characteristics
Pull-In Range 3
Ampere Turns
42-83
Rating Sensitivity 4
Ampere Turns
60
Test Coil
L4988
10
0
20
30
40
50
10
0
Pull-In (L4988 Coil)
20
30
40
50
60
70
80
90
Max.
Min.


Similar Part No. - DRS-50-42-83AT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DRS-5-B MSYSTEM-DRS-5-B Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-5-B/E MSYSTEM-DRS-5-B/E Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-5-B/E2 MSYSTEM-DRS-5-B/E2 Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-5-B/K MSYSTEM-DRS-5-B/K Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-5-B/Q MSYSTEM-DRS-5-B/Q Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - DRS-50-42-83AT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
   DRR-129 50.8mm Close-Differential Reed Switch
logo
PIC GmbH
PMC-5002 PIC-PMC-5002 Datasheet
26Kb / 1P
   High Power Reed Switch
HSR-V207 PIC-HSR-V207 Datasheet
26Kb / 1P
   High Power Reed Switch
PMC-5001 PIC-PMC-5001 Datasheet
34Kb / 1P
   High Power Reed Switch
HSR-156 PIC-HSR-156 Datasheet
26Kb / 1P
   High Power Reed Switch
PMC-2021 PIC-PMC-2021 Datasheet
26Kb / 1P
   High Power Reed Switch
logo
Fox Electronics
FPC5-AH FOX-FPC5-AH Datasheet
154Kb / 1P
   50.8mm x 50.8mm Precision OCXO
FPC5-AS FOX-FPC5-AS Datasheet
154Kb / 1P
   50.8mm x 50.8mm Precision OCXO
logo
PIC GmbH
HSR-V15K PIC-HSR-V15K Datasheet
26Kb / 1P
   High Voltage Reed Switch
HSR-V180RF PIC-HSR-V180RF Datasheet
26Kb / 1P
   High Frequency Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com