Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5RS05 Datasheet(PDF) 1 Page - Lumberg

Part # 5RS05
Description  Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

5RS05 Datasheet(HTML) 1 Page - Lumberg

  5RS05 Datasheet HTML 1Page - Lumberg 5RS05 Datasheet HTML 2Page - Lumberg 5RS05 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52 5 RS
01/2018
1
Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
Socket board for direct mating with screw terminals, lift
clamp without protection against misplacing, with test
hole, consecutive placement without loss of pitch
State: Phasing out
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 3


Similar Part No. - 5RS05

ManufacturerPart #DatasheetDescription
logo
Lumberg
5RS05FK LUMBERG-5RS05FK Datasheet
448Kb / 3P
   Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
More results

Similar Description - 5RS05

ManufacturerPart #DatasheetDescription
logo
Lumberg
SP4 LUMBERG-SP4 Datasheet
346Kb / 3P
   Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
5RSFK LUMBERG-5RSFK Datasheet
448Kb / 3P
   Direct connectors with screw clamps, for insert cards, pitch 5.0 mm
2.54RFL LUMBERG-2.54RFL_18 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UF LUMBERG-5.08UF Datasheet
455Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RFL LUMBERG-5RFL Datasheet
413Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8514A02 LUMBERG-8514A02 Datasheet
162Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com