Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR06C680FAGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR06C680FAGAC
Description  CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR06C680FAGAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR06C680FAGAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 74f8b597-1d58-4813-8339-ad920f988f73
KEMET Part Number: CBR06C680FAGAC
CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1.6mm +/-0.1mm
W
0.8mm +/-0.1mm
T
0.8mm +/-0.07mm
B
0.4mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: CBR-SMD RF C0G
Style: SMD Chip
Chip Size: 0603
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 1400
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 68 pF
Capacitance Tolerance: 1%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 1400
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR06C680FAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C680F5GAC KEMET-CBR06C680F5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Similar Description - CBR06C680FAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C680F5GAC KEMET-CBR06C680F5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C680JAGAC KEMET-CBR06C680JAGAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 5%, 250 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR06C620FAGAC KEMET-CBR06C620FAGAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 62 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C270FAGAC KEMET-CBR06C270FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 27 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C390FAGAC KEMET-CBR06C390FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 39 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C130FAGAC KEMET-CBR06C130FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 13 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C560FAGAC KEMET-CBR06C560FAGAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 56 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C180FAGAC KEMET-CBR06C180FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 18 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C430FAGAC KEMET-CBR06C430FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 43 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C910FAGAC KEMET-CBR06C910FAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 91 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com