Electronic Components Datasheet Search |
|
MB90548GSPF Datasheet(PDF) 13 Page - Cypress Semiconductor |
|
MB90548GSPF Datasheet(HTML) 13 Page - Cypress Semiconductor |
13 / 70 page Document Number: 002- 07696 Rev. *A Page 13 of 70 MB90540G/545G Series (Continued) *1 : FPT-100P-M06 *2 : FPT-100P-M20 Pin No. Pin name Circuit type Function LQFP*2 QFP*1 72 74 P95 D General I/O port. This function is always enabled. RX0 RX input pin for CAN0 Interface. When the CAN function is used, output from the other functions must be stopped. 73 75 P96 D General I/O port. This function is enabled when CAN1 disables the output. TX1 TX output pin for CAN1. This function is enabled when CAN1 enables the output (only MB90540G series) . 74 76 P97 D General I/O port. This function is always enabled. RX1 RX input pin for CAN1 Interface. When the CAN function is used, output from the other functions must be stopped (only MB90540G series) . 76 78 PA0 D General I/O port. This function is always enabled. 32 34 AVCC Power supply Power supply pin for the A/D Converter. This power supply must be turned on or off while a voltage higher than or equal to AVCC is applied to VCC. 35 37 AVSS Power supply Power supply pin for the A/D Converter. 33 35 AVRH Power supply External reference voltage input pin for the A/D Converter. This power supply must be turned on or off while a voltage higher than or equal to AVRH is applied to AVCC. 34 36 AVRL Power supply External reference voltage input pin for the A/D Converter. 47, 48 49, 50 MD0, MD1 C Input pins for specifying the operating mode. The pins must be directly connected to VCC or VSS. 49 51 MD2 F Input pin for specifying the operating mode. The pin must be directly connected to VCC or VSS. 25 27 C Power supply stabilization capacitor pin. It should be connected externally to an 0.1 F ceramic capacitor. 21, 82 23, 84 VCC Power supply Input pin for power supply (5.0 V) . 9, 40, 79 11, 42, 81 VSS Power supply Input pin for power supply (0.0 V) . |
Similar Part No. - MB90548GSPF |
|
Similar Description - MB90548GSPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |