Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 22Page - Cypress Semiconductor MB39C602 Datasheet HTML 23Page - Cypress Semiconductor MB39C602 Datasheet HTML 24Page - Cypress Semiconductor MB39C602 Datasheet HTML 25Page - Cypress Semiconductor MB39C602 Datasheet HTML 26Page - Cypress Semiconductor MB39C602 Datasheet HTML 27Page - Cypress Semiconductor MB39C602 Datasheet HTML 28Page - Cypress Semiconductor MB39C602 Datasheet HTML 29Page - Cypress Semiconductor MB39C602 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 26 of 40
MB39C602
2. Non-isolation circuit
No
Component
Description
Part No.
Vendor
1
IC
Driver IC for LED Lighting, SOL8
MB39C602
Cypress
2
C1
Capacitor, alumninum electrolytic, 47
μF, 250 V, 12.5 × 20
EKXG251ELL470MK20S
Nippon Chemi-con
3
C2
4
C3
Capacitor, ceramic, 10
μF, 50 V, X7R, +/-10%, 1210
GRM32DF51H106ZA01L
muRata
5
C4
Capacitor, alumninum electrolytic, 100
μF, 50 V, 8 × 11.5
EKMG500ELL101MHB5D
Nippon Chemi-con
6
C5, C6
Capacitor, ceramic, 0.01
μF, 50 V, X7R, +/-10%, 0603
GRM188R71H103KA01D
muRata
7
C7
Capacitor, ceramic, 0.1
μF, 25 V, X7R, +/-10%, 0603
GRM188R71E104KA01D
muRata
8
C8
Capacitor, alumninum electrolytic, 100
μF, 25 V, 6.3 × 11
EKMG250ELL101MF11D
Nippon Chemi-con
9
C9
Capacitor,polyester film, 0.22
μF, 250 V, 12 × 5.5 × 10.5
ECQ-E2224KF
Panasonic
10
D1
Diode, bridge rectifier, 0.5 A, 600 V, SO-4
MB6S
Fairchild
11
D2
Diode, ultra fast rectifier, 1 A, 400 V, SMA
ES1G
Fairchild
12
D3
Diode, Schottky, 1 A, 30 V, SOD-323
SDM100K30
Diodes
13
D4
Diode, ultra fast, 1 A, 200 V, SMA
CSFA103-G
On Semi
14
D5
Diode, Zener, 18 V, 500 mW, SOD-123
MMSZ18T1G
On Semi
15
D6, D7
Jumper
RK73ZW2H
KOA
16
D8, D9
17
F1
Fuse, axial, fast acting, 2.5 A, 250 V, 0.160 inch × 0.400
inch
026302.5MXL
Littelfuse Inc
18
L1
Inductor, 100
μH, 0.67 A max, 0.39 Ω max
22R104C
muRata Ps
19
T1
Coupling inductor, 280
μH, 1.4 A, Na/Nm=0.6
EI-191-03377-T
SUMIDA
20
Q1
MOSFET, N-ch, 650 V, 7.3 A, 0.6 W, TO-220
FDPF10N60NZ
Fairchild
21
R1
NTC thermistor, 8.0
Ω, 1.5 A
NTPA78R0LBMBO
muRata
22
R2, R3
Resistor, chip, 1.00 M
Ω, 1/8 W, +/-1%, 0805
RK73H2ATTD1004F
KOA
23
R4
Resistor, chip, 3.0
Ω, 1/8 W, +/-1%, 0805
RK73H2ATTD3R00F
KOA
24
R5
Resistor, chip, 5.1
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD5R10F
KOA
25
R6
Resistor, chip, 1.00 M
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD1004F
KOA
26
R7
Resistor, chip, 110 k
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD1103F
KOA
27
R8
Resistor, chip, 33 k
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD3302F
KOA
28
R9
Resistor, chip, 91 k
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD9102F
KOA
29
R10
Resistor, chip, 100 k
Ω, 1/10 W, +/-1%, 0603
RK73H1JTTD1003F
KOA
Nippon Chemi-con
: Nippon Chemi-Con Corporation
muRata
: Murata Manufacturing Co., Ltd.
Panasonic
: Panasonic Corporation
Fairchild
: Fairchild Semiconductor International, lnc.
Diodes
: Diodes, Inc
On Semi
: ON Semiconductor
KOA
: KOA Corporation
muRata Ps
: Murata Power Solutions, Inc
SUMIDA
: SUMIDA CORPORATION.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn