Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 20Page - Cypress Semiconductor MB39C602 Datasheet HTML 21Page - Cypress Semiconductor MB39C602 Datasheet HTML 22Page - Cypress Semiconductor MB39C602 Datasheet HTML 23Page - Cypress Semiconductor MB39C602 Datasheet HTML 24Page - Cypress Semiconductor MB39C602 Datasheet HTML 25Page - Cypress Semiconductor MB39C602 Datasheet HTML 26Page - Cypress Semiconductor MB39C602 Datasheet HTML 27Page - Cypress Semiconductor MB39C602 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 24 of 40
MB39C602
Part list
1. Isolation circuit
No
Component
Description
Part No.
Vendor
1
M1
IC PWM CTRLR CASCODE 8-SOIC
MB39C602
Cypress
2
T1
TRANSFORMER FLYBACK EE20/10/6
430
μH 1.6 A RATIO Np/Ns=2.91/1 Np/Na=6.4/1
750811146
Wurth
3
T2
IND COMMON MODE CHOKE 40 mH
750311650
Wurth
4
F1
Fuse, axial, fast acting, 2.5 A, 250 V, 0.160 × 0.400 inch
026302.5MXL
Littelfuse Inc
5
IC5
IC OPAMP GP R-R 1MHz SGL SOT23-5
LMV321IDBVR
Texas Instruments
6
Q1
MOSFET N-ch 650 V 7.3 A TO-220 FP
SPA07N60C3
Infineon
7
U2
OPTO ISOLATOR TRANSISTOR OUTPUT
PS2561L-1-A
CEL
8
BR1
IC RECT BRIDGE 0.5 A 600 V 4SOIC
MB6S
Fairchild
9
D1
DIODE ULTRA FAST 800 V 1 A SMA
RS1K-13-F
Diodes
10
D3
DIODE ULTRA FAST 200 V SOT-23
MMBD1404
Fairchild
11
D4
DIODE ZENER 18 V 225 mW SOT-23
BZX84C18LT1G
On Semi
12
D5
DIODE GPP FAST 1 A 600 V DO-41
UF4005
Fairchild
13
D8
SHUNT REGULATOR 5.0 V SOT-23
LM4040C50IDBZT
Texas Instruments
14
VR1
SUR ABSORBER 7 mm 430 V 1250 A ZNR
ERZ-V07D431
Panasonic
15
C2
CAP CER 15000 pF 250 V X7R 1206
GRM31BR72E153KW01L
muRata
16
C3
CAP CER 10000 pF 50 V X7R 0603
GRM188R71H103KA01D
muRata
17
C4
CAP CER .1
μF 25 V X7R 10% 0603
GRM188R71E104KA01D
muRata
18
C5
CAP 100
μF 25 V ELECT RADIAL 2.5 mm
EKMG250ELL101MF11D
Nippon Chemi-con
19
C6, C7
CAP CER 2.2
μF 100 V X7R 1210
GRM32ER72A225KA35
muRata
20
C8
CAP 1000
μF 50 V ELECT HE RADIAL
EKMG500ELL102MK25S
Nippon Chemi-con
21
C9
CAP .022
μF/630 VDC METAL POLY
ECQE6223KF
Panasonic
22
C10, C15, C17,
C18, C19
CAP CER 10000 pF 50 V X7R 0603
GRM188R71H103KA01D
muRata
23
C11
CAP CER 2.2 nF X1/Y1 RADIAL
DE1E3KX222MA4BL01
muRata
24
C13
CAP CER 0.33
μF 16 V X7R 0603
C0603C334K4RACTU
Kemet
25
C16
CAP CER .1
μF 25 V 0805
GRM21BR71E104KA0
muRata
26
C21
CAP .022
μF/305 VAC X2 METAL POLYPRO
B32921C3223M
Epcos
27
R1, R2, R31
RES 560 k
Ω 1/4W 1% 1206 SMD
RK73H2BTTD5603F
KOA
28
R4
RES 75.0 k
Ω 1/4 W 1% 1206 SMD
RK73H2BTTD7502F
KOA
29
R11
RES 110 k
Ω, 1/8 W, 1%, 0603 SMD
RK73H1JTTD1103F
KOA
30
R12
RES 33 k
Ω 1/10 W 1% 0603 SMD
RK73H1JTTD3302F
KOA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn