Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 12Page - Cypress Semiconductor MB39C602 Datasheet HTML 13Page - Cypress Semiconductor MB39C602 Datasheet HTML 14Page - Cypress Semiconductor MB39C602 Datasheet HTML 15Page - Cypress Semiconductor MB39C602 Datasheet HTML 16Page - Cypress Semiconductor MB39C602 Datasheet HTML 17Page - Cypress Semiconductor MB39C602 Datasheet HTML 18Page - Cypress Semiconductor MB39C602 Datasheet HTML 19Page - Cypress Semiconductor MB39C602 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 16 of 40
MB39C602
8. FC Part
The switching frequency is controlled by setting the current of the FC pin. In on-time control, the switching frequency is set by
pulling up the FC pin to VDD.
Switching frequency range is from 30 kHz to 120 kHz.
Switching Frequency Range
IFC-fSW Control Current [μA]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn