Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 11Page - Cypress Semiconductor MB39C602 Datasheet HTML 12Page - Cypress Semiconductor MB39C602 Datasheet HTML 13Page - Cypress Semiconductor MB39C602 Datasheet HTML 14Page - Cypress Semiconductor MB39C602 Datasheet HTML 15Page - Cypress Semiconductor MB39C602 Datasheet HTML 16Page - Cypress Semiconductor MB39C602 Datasheet HTML 17Page - Cypress Semiconductor MB39C602 Datasheet HTML 18Page - Cypress Semiconductor MB39C602 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 15 of 40
MB39C602
7. CL Part
It is set the peak current of Primary Winding by connecting resistance with CL pin.
The maximum peak current of Primary Side is set by connecting resistance (RCL) between the CL pin and GND.
IDRN(pk) = (
100kV
)
RCL
An about 400 ns blanking time of the beginning of switching cycle is masking the spike noise. As a result, it prevents the
sense of current from malfunctioning (See the figure below.).
Peak Current Control with CL pin
Driver
VGATE
DRN
6
GND
7
CL
RCL
3V
3
Current
Sense
IDRN
ICL
tBLANKCL
From
High-Voltage
MOSFET Source


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn