Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C602 Datasheet HTML 1Page - Cypress Semiconductor MB39C602 Datasheet HTML 2Page - Cypress Semiconductor MB39C602 Datasheet HTML 3Page - Cypress Semiconductor MB39C602 Datasheet HTML 4Page - Cypress Semiconductor MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MB39C602
High Power Factor
LED Driver IC for LED Lighting
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08397 Rev. *A
Revised April 13, 2016
MB39C602 is a flyback type switching regulator controller IC. The LED current is regulated by controlling the switching on-time
depending on the LED load.
It is most suitable for the general lighting applications, for example stocks of commercial and residential light bulbs and so on.
Features
High power factor in Single Conversion
Helps to achieve high efficiency and low EMI by detecting auxiliary transformer zero current
Switching frequency setting depend on the FC pin current : 30 kHz to 120 kHz
Control of the current of Primary Winding without the external sense resistor
Built-in under voltage lock out function
Built-in output over voltage protection function
Built-in over temperature protection function
Input voltage range VDD
: 9 V to 20 V
Input voltage range for LED lighting applications
: AC110VRMS, AC230VRMS
Package
: SOP-8 (3.9 mm × 5.05 mm × 1.75 mm [Max])
Applications
LED lighting
PWM dimmable LED lighting etc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn