Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor MB39C602 Datasheet HTML 10Page - Cypress Semiconductor MB39C602 Datasheet HTML 11Page - Cypress Semiconductor MB39C602 Datasheet HTML 12Page - Cypress Semiconductor MB39C602 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 9 of 40
MB39C602
7. Typical Characteristics
Power supply current vs. VDD
Power supply current vs. Ta
Switching frequency vs. IFB
DRN peak current vs. Ta
DRN peak current vs. IPCL
ON time vs. ROTM
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
8
10
12
14
16
18
20
VDD [V]
VDD; decreasing from 20 V
VCG=OPEN
IFB
=5μA
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-40
-35
-30
-25
-20
-15
-10
-5
0
+5
+10
+15
+20
+25
+30
+35
+40
+45
+50
+55
+60
+65
+70
+75
+80
+85
Ta [°C]
VDD=12V
VCG=12V
IFB
=5μA
0
20
40
60
80
100
120
140
160
0
50
100
150
200
IFB
[μA]
Ta=-40°C
Ta=25°C
Ta=85°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Ta [°C]
-40
-35
-30
-25
-20
-15
-10
-5
0
+5
+10
+15
+20
+25
+30
+35
+40
+45
+50
+55
+60
+65
+70
+75
+80
+85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
IPCL
[μA]
n=30
0
1
2
3
4
5
6
0
10 20 30 40 50 60 70 80 90 100 110 120
ROTM
[kΩ]
Ta=-40°C
Ta=+25°C
Ta=+85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn