Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 4Page - Cypress Semiconductor MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor MB39C602 Datasheet HTML 10Page - Cypress Semiconductor MB39C602 Datasheet HTML 11Page - Cypress Semiconductor MB39C602 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 8 of 40
MB39C602
Parameter
Symbol
Pin
No.
Condition
Value
Unit
Min
Typ
Max
TRANSFORMER
ZERO
CURRENT
DETECTION
Zero current threshold voltage
VZCD (TH)
2
-
5
[1]
20
[1]
50
[1]
mV
Clamp voltage
VZCD (CLAMP)
2
IZCD = -10 μA
-200
-160
-100
mV
Start timer operation threshold
voltage
VZCD (START)
2
-
0.10
0.15
0.20
V
Driver turn-on Delay time
tDLY (ZCD)
6
150
Ω pull-up 12 V on DRN
-
150
-
ns
Wait time for zero current
detection
tWAIT (ZCD)
6
-
2.0
2.4
2.8
μs
Start timer period
tST
6
VZCD = 0 V
150
240
300
μs
OVERVOLTAGE
FAULT
OVP threshold voltage
VZCD (OVP)
2
-
4.85
5.00
5.15
V
OVP blanking time
tBLANK, OVP
6
-
0.6
1.0
1.7
μs
Input bias current
IZCD (bias)
2
VZCD = 5 V
-0.1
0
+0.1
μA
SHUTDOWN
THRESHOLD
Shutdown Threshold voltage
VOTC (Vth)
4
OTC =
0.7
1.0
1.3
V
Shutdown OTC current
IOTC, PU
4
VOTC = VOTC (vth)
-600
-450
-300
μA
MAXIMUM ON
TIME
ON-Time
tOTC
6
ROTC = 76 kΩ
3.4
3.8
4.2
μs
OTC voltage
VOTC
4
-
2.7
3.0
3.3
V
OTP
Shutdown temperature
TSD
-
Tj, temperature rising
-
+150
[1]
-
°C
Hysteresis
TSD_HYS
-
Tj, temperature falling,
degrees below TSD
-
+25
[1]
-
°C
POWER
SUPPLY
CURRENT
Power supply current
IVDD (STATIC)
8
VVDD = 20 V, VZCD = 1 V
1.36
1.80
2.34
mA
IVDD (OPERATING)
8
VVDD = 20 V
-
3.0
[1]
3.7
[1]
mA
Power supply current for
UVLO
IVDD (UVLO)
8
VVDD = VDD (ON) – 100 mV
-
285
500
uA
[1]: Standard design value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn