Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 3Page - Cypress Semiconductor MB39C602 Datasheet HTML 4Page - Cypress Semiconductor MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor MB39C602 Datasheet HTML 10Page - Cypress Semiconductor MB39C602 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 7 of 40
MB39C602
6. Electrical Characteristics
(Ta =
+25°C, VVDD = 12 V)
Parameter
Symbol
Pin
No.
Condition
Value
Unit
Min
Typ
Max
VDD and VCG
SUPPLY
VCG voltage (Operating)
VCG (OPERATING)
5
VVDD = 14 V, IVCG = 2.0 mA
13
14
15
V
VCG voltage (Disable)
VCG (DISABLED)
5
VOTC = 0 V, IVCG = 26 μA
15
16
17
V
VCG voltage difference
ΔVCG
5
VCG (DISABLED) -
VCG (OPERATING)
1.75
2.00
2.15
V
VCG Shunt input current
IVCG (SREG)
5
VVCG = VCG (DISABLED) - 100 mV,
VOTC = 0 V
-
12
26
μA
VCG Shunt Load Regulation
ΔVCG
(SREG)
5
VOTC = 0V,
26
μA < I
VCG ≤ 5 mA
-
125
200
mV
VCG LDO regulation voltage
VCG (LREG)
5
VVDD = 20 V, IVCG = -2 mA
-
13
-
V
VCG LDO Dropout voltage
VCG (LREG, DO)
-
VDD - VCG, VVDD = 11 V,
IVCG = -2 mA
-
2.0
2.8
V
UVLO Turn-on threshold
voltage
VDD (ON)
8
-
9.7
10.2
10.7
V
UVLO Turn-off threshold
voltage
VDD (OFF)
8
-
7.55
8.00
8.50
V
UVLO hysteresis
ΔVDD
(UVLO)
8
VDD (ON) - VDD (OFF)
1.9
2.2
2.5
V
VDD switch on-resistance
RDS, ON (VDD)
6,8
VVCG = 12 V, VVDD = 7 V,
IDRN = 50 mA
-
4
[1]
10
[1]
Ω
Fault Latch Reset VDD
voltage
VDD (FAULT RESET)
8
-
5.6
6.0
6.4
V
MODULATION
Minimum switching period
tSW (HF)
6
IFC = 5 μA
7.215
7.760
8.305
μs
Maximum switching period
tSW (LF)
6
IFC = 165 μA
31.5
[1]
35.0
[1]
38.5
[1]
μs
DRN peak current
IDRN (peak)
6
IFC = 5 μA, ICL = 100 μA
-
3
[1]
-
A
6
IFC = 5 μA, ICL = 30 μA
-
1
[1]
-
A
Minimum peak current for RCL
open
IDRN (peak, absmin)
6
RCL = OPEN
-
0.45
[1]
-
A
ILIM blanking time
tBLANK (ILIM)
6
IFC = 5 μA, RCL = 100 kΩ,
1.2 A pull-up on DRN
-
400
[1]
-
ns
CL voltage
VCL
3
IFC = 5 μA
2.94
3.00
3.06
V
FC voltage
VFC
1
IFC = 10 μA
0.34
0.70
0.84
V
DRIVER
Driver on-resistance
RDS (on) (DRN)
6,7
IDRN = 4.0 A
-
200
[1]
400
[1]
Driver off leakage current
IDRN (OFF)
6,7
VDRN = 12 V
-
1.5
20.0
μA
High-side driver on-resistance RDS (on) (HSDRV)
5,6
High-side driver
current = 50 mA
-
6
[1]
11
[1]
Ω
DRN discharge current
IDIS
6,7
VDD = OPEN, DRN = 12 V,
Fault latch set
2.38
3.40
4.42
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn