Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 2Page - Cypress Semiconductor MB39C602 Datasheet HTML 3Page - Cypress Semiconductor MB39C602 Datasheet HTML 4Page - Cypress Semiconductor MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor MB39C602 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 6 of 40
MB39C602
5. Recommended Operating Conditions
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
VDD pin input voltage
VDD
VDD pin
9
-
20
V
VCG pin input voltage
VCG
VCG pin (from low-impedance source)
9
-
13
V
VCG pin input current
IVCG
VCG pin (from high-impedance source)
10
-
2000
µA
OTC pin resistance to GND
ROTC
OTC pin
10
-
100
k
Ω
CL pin resistance to GND
RCL
CL pin
24.3
-
200.0
k
Ω
ZCD pin resistance to auxiliary
winding
RZCD
ZCD pin Transformer auxiliary winding
connection resistor
50
-
200
k
Ω
VCG pin capacitance to GND
CVCG
VCG pin
33
-
200
nF
VDD pin bypass capacitance
CBP
Ceramic capacitance to set between VDD and
GND pin
0.1
-
1.0
µF
Operating ambient temperature
Ta
-
-40
+25
+85
°C
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the
device's electrical characteristics are warranted when the device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of device and could result in device
failure.
No warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet. If you are
considering application under any conditions other than listed herein, please contact sales representatives beforehand.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn