Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB39C602 Datasheet HTML 1Page - Cypress Semiconductor MB39C602 Datasheet HTML 2Page - Cypress Semiconductor MB39C602 Datasheet HTML 3Page - Cypress Semiconductor MB39C602 Datasheet HTML 4Page - Cypress Semiconductor MB39C602 Datasheet HTML 5Page - Cypress Semiconductor MB39C602 Datasheet HTML 6Page - Cypress Semiconductor MB39C602 Datasheet HTML 7Page - Cypress Semiconductor MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 5 of 40
MB39C602
4. Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VVDD
VDD pin
-0.3
+25.0
V
Input voltage
VDRN
DRN pin
-
20
V
VVCG
VCG pin
-0.3
+16.0
V
VZCD
ZCD pin
-0.3
+6.0
V
VOTC
OTC pin
-0.3
+6.0
V
VCL
CL pin
-0.3
+6.0
V
VFC
FC pin
-0.3
+2.0
V
Input current
IVCG
VCG pin
-
10
mA
IOTC
OTC pin
-1
0
mA
ICL
CL pin
-1
0
mA
IFC
FC pin
0
1
mA
Output current
IDRN
DRN pin
-
800
mA
IDRN
DRN pin,
Pulsed 400 ns, 2% duty cycle
-1.5
+6.0
A
Power dissipation
PD
Ta
≤+25°C
-
800
[1]
mW
Storage temperature
TSTG
-55
+125
°C
[1]: The value when using two layers PCB.
Reference: θja (wind speed 0 m/s): +125°C/W
WARNING:
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn