Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 32Page - Cypress Semiconductor MB39C602 Datasheet HTML 33Page - Cypress Semiconductor MB39C602 Datasheet HTML 34Page - Cypress Semiconductor MB39C602 Datasheet HTML 35Page - Cypress Semiconductor MB39C602 Datasheet HTML 36Page - Cypress Semiconductor MB39C602 Datasheet HTML 37Page - Cypress Semiconductor MB39C602 Datasheet HTML 38Page - Cypress Semiconductor MB39C602 Datasheet HTML 39Page - Cypress Semiconductor MB39C602 Datasheet HTML 40Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 36 of 40
MB39C602
3. Recommended manual soldering (partial heating method)
Item
Condition
Storage period
Before opening
Within two years after manufacture
Between opening and mounting
Within two years after manufacture
(No need to control moisture during the storage period because
of the partial heating method.)
Storage conditions
5°C to 30°C, 70% RH or less (the lowest possible humidity)
Mounting conditions
Temperature at the tip of a soldering iron: 400°C Max
Time: Five seconds or below per pin
[1]
[1]: Make sure that the tip of a soldering iron does not come in contact with the package body.
4. Recommended dip soldering
Item
Condition
Mounting times
1 time
Storage period
Before opening
Please use it within two years after manufacture.
From opening and mounting
Less than 14 days
When the storage period after
opening was exceeded
Please process within 14 days
after baking (125°C ±3°C, 24H+ 2H/
─0H) .
Baking can be performed up to two times.
Storage conditions
5°C to 30°C, 70% RH or less (the lowest possible humidity)
Mounting condition
Temperature at soldering tub: 260°C Max
Time: Five seconds or below


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn