Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 31Page - Cypress Semiconductor MB39C602 Datasheet HTML 32Page - Cypress Semiconductor MB39C602 Datasheet HTML 33Page - Cypress Semiconductor MB39C602 Datasheet HTML 34Page - Cypress Semiconductor MB39C602 Datasheet HTML 35Page - Cypress Semiconductor MB39C602 Datasheet HTML 36Page - Cypress Semiconductor MB39C602 Datasheet HTML 37Page - Cypress Semiconductor MB39C602 Datasheet HTML 38Page - Cypress Semiconductor MB39C602 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 35 of 40
MB39C602
19. MB39C602PNF Recommended Conditions of Moisture Sensitivity Level
[Cypress Recommended Mounting Conditions]
Recommended Reflow Condition
Item
Condition
Mounting Method
IR (infrared reflow), warm air reflow
Mounting times
2 times
Storage period
Before opening
Please use it within two years after manufacture.
From opening to the 2nd reflow
Less than 8 days
When the storage period after
opening was exceeded
Please process within 8 days
after baking (125°C ±3°C, 24H+ 2H/
─0H) .
Baking can be performed up to two times.
Storage conditions
5°C to 30°C, 70% RH or less (the lowest possible humidity)
[Mounting Conditions]
1. Reflow Profile
2. JEDEC Condition: Moisture Sensitivity Level 3 (IPC/JEDEC J-STD-020D)
260°C
(e)
(d')
(d)
255°C
170 °C
190 °C
RT
(b)
(a)
(c)
to
Main heating
"H" rank : 260°C Max
(a) Temperature Increase gradient
: Average 1°C/s to 4°C /s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60 s to 180 s
(c) Temperature Increase gradient
: Average 1°C /s to 4°C /s
(d) Peak temperature
: Temperature 260°C Max; 255°C or more, 10 s or less
(d') Main Heating
: Temperature 230°C or more, 40 s or less
or
Temperature 225°C or more, 60 s or less
or
Temperature 220°C or more, 80 s or less
(e) Cooling
: Natural cooling or forced cooling
Note: Temperature : the top of the package body.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn