Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB39C602 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part No. MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 28Page - Cypress Semiconductor MB39C602 Datasheet HTML 29Page - Cypress Semiconductor MB39C602 Datasheet HTML 30Page - Cypress Semiconductor MB39C602 Datasheet HTML 31Page - Cypress Semiconductor MB39C602 Datasheet HTML 32Page - Cypress Semiconductor MB39C602 Datasheet HTML 33Page - Cypress Semiconductor MB39C602 Datasheet HTML 34Page - Cypress Semiconductor MB39C602 Datasheet HTML 35Page - Cypress Semiconductor MB39C602 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 32 of 40
MB39C602
14. Usage Precaution
Do not configure the IC over the maximum ratings.
If the IC is used over the maximum ratings, the LSI may be permanently damaged.
It is preferable for the device to normally operate within the recommended usage conditions. Usage outside of these conditions can
have an adverse effect on the reliability of the LSI.
Use the device within the recommended operating conditions.
The recommended values guarantee the normal LSI operation under the recommended operating conditions.
The electrical ratings are guaranteed when the device is used within the recommended operating conditions and under the
conditions stated for each item.
Printed circuit board ground lines should be set up with consideration for common impedance.
Take appropriate measures against static electricity.
Containers for semiconductor materials should have anti-static protection or be made of conductive material.
After mounting, printed circuit boards should be stored and shipped in conductive bags or containers.
Work platforms, tools, and instruments should be properly grounded.
Working personnel should be grounded with resistance of 250 kΩ to 1 MΩ in serial between body and ground.
Do not apply negative voltages.
The use of negative voltages below - 0.3 V may make the parasitic transistor activated to the LSI, and can cause malfunctions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn