Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH4011SPDQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH4011SPDQ
Description  40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4011SPDQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH4011SPDQ Datasheet HTML 1Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 2Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 3Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 4Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 5Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 6Page - Diodes Incorporated DMTH4011SPDQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMTH4011SPDQ
Document number: DS39465 Rev. 3 - 2
5 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMTH4011SPDQ
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJC (t) = r(t) * RθJC
RθJC = 4℃/W
Duty Cycle, D = t1/t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMTH4011SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4011SPD DIODES-DMTH4011SPD Datasheet
403Kb / 7P
   40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4011SPD-13 DIODES-DMTH4011SPD-13 Datasheet
403Kb / 7P
   40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4011SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4011SPD DIODES-DMTH4011SPD Datasheet
403Kb / 7P
   40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SK3Q DIODES-DMTH4004SK3Q Datasheet
581Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4005SPS DIODES-DMNH4005SPS Datasheet
625Kb / 7P
   40V N-CHANNEL 175째C MOSFET
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
642Kb / 7P
   30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com